Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MLP2N06CL Datasheet(PDF) 1 Page - ON Semiconductor

Part # MLP2N06CL
Description  SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MLP2N06CL Datasheet(HTML) 1 Page - ON Semiconductor

  MLP2N06CL Datasheet HTML 1Page - ON Semiconductor MLP2N06CL Datasheet HTML 2Page - ON Semiconductor MLP2N06CL Datasheet HTML 3Page - ON Semiconductor MLP2N06CL Datasheet HTML 4Page - ON Semiconductor MLP2N06CL Datasheet HTML 5Page - ON Semiconductor MLP2N06CL Datasheet HTML 6Page - ON Semiconductor MLP2N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
January, 2006 − Rev. 2
1
Publication Order Number:
MLP2N06CL/D
MLP2N06CL
Preferred Device
SMARTDISCRETESt MOSFET
2 Amps, 62 Volts, Logic Level
N−Channel TO−220
This logic level power MOSFET features current limiting for short
circuit protection, integrated Gate−Source clamping for ESD
protection and integral Gate−Drain clamping for over−voltage
protection and Sensefet technology for low on−resistance. No
additional gate series resistance is required when interfacing to the
output of a MCU, but a 40 k
W gate pulldown resistor is recommended
to avoid a floating gate condition.
The internal Gate−Source and Gate−Drain clamps allow the device
to be applied without use of external transient suppression
components. The Gate−Source clamp protects the MOSFET input
from electrostatic voltage stress up to 2.0 kV. The Gate−Drain clamp
protects the MOSFET drain from the avalanche stress that occurs with
inductive loads. Their unique design provides voltage clamping that is
essentially independent of operating temperature.
Features
• Pb−Free Package is Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
Clamped
Vdc
Drain−to−Gate Voltage (RGS = 1.0 MW)
VDGR
Clamped
Vdc
Gate−to−Source Voltage − Continuous
VGS
±10
Vdc
Drain Current − Continuous @ TC = 25°C
ID
Self−Limited
Adc
Total Power Dissipation @ TC = 25°C
PD
40
W
Electrostatic Voltage
ESD
2.0
kV
Operating and Storage Junction
Temperature Range
TJ, Tstg
–50 to 150
_C
THERMAL CHARACTERISTICS
Maximum Junction Temperature
TJ(max)
150
_C
Thermal Resistance, Junction−to−Case
RqJC
3.12
_C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 5 seconds
TL
260
_C
DRAIN−TO−SOURCE AVALANCHE CHARACTERISTICS
Single Pulse Drain−to−Source Avalanche
Energy (Starting TJ = 25°C, ID = 2.0 A,
L = 40 mH)
EAS
80
mJ
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
2 AMPERES
62 VOLTS (Clamped)
RDS(on) = 400 mW
Preferred devices are recommended choices for future use
and best overall value.
Device
Package
Shipping
ORDERING INFORMATION
MLP2N06CL
TO−220AB
50 Units / Rail
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
A
= Location Code
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MLP2N06CLG
AYWW
http://onsemi.com
MLP2N06CLG
TO−220AB
(Pb−Free)
50 Units / Rail
D
G
S
R1
R2
N−Channel
1
Gate
3
Source
4
Drain
2
Drain
MARKING DIAGRAM
AND PIN ASSIGNMENT


Similar Part No. - MLP2N06CL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MLP2N06CL MOTOROLA-MLP2N06CL Datasheet
192Kb / 6P
VOLTAGE CLAMPED CURRENT LIMITING MOSFET
More results

Similar Description - MLP2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTP45N06L ONSEMI-NTP45N06L Datasheet
87Kb / 8P
45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
August, 2004 ??Rev. 1
MLD1N06CL ONSEMI-MLD1N06CL Datasheet
78Kb / 7P
SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 3
MLD2N06CL ONSEMI-MLD2N06CL Datasheet
79Kb / 7P
SMARTDISCRETES TM MOSFET 2 Amp, 62 Volts, Logic Level N?묬hannel DPAK
January, 2006 ??Rev. 2
MLP1N06CL ONSEMI-MLP1N06CL Datasheet
65Kb / 8P
SMARTDISCRETES TM MOSFET 1 Amp, 62 Volts, Logic Level N-Channel TO-220
November, 2000 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com