Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES9311Q Datasheet(PDF) 4 Page - ESS Technology,Inc

Part # ES9311Q
Description  Dual, Ultra-Low Noise Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9311Q Datasheet(HTML) 4 Page - ESS Technology,Inc

  ES9311Q Datasheet HTML 1Page - ESS Technology,Inc ES9311Q Datasheet HTML 2Page - ESS Technology,Inc ES9311Q Datasheet HTML 3Page - ESS Technology,Inc ES9311Q Datasheet HTML 4Page - ESS Technology,Inc ES9311Q Datasheet HTML 5Page - ESS Technology,Inc ES9311Q Datasheet HTML 6Page - ESS Technology,Inc ES9311Q Datasheet HTML 7Page - ESS Technology,Inc ES9311Q Datasheet HTML 8Page - ESS Technology,Inc ES9311Q Datasheet HTML 9Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
0.55
August 22, 2022
ES9311Q Dual, Ultra-Low Noise Linear Regulator
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
4
FUNCTIONAL DESCRIPTION
The ES9311 is a dual, ultra-low noise voltage, low dropout (LDO) regulator designed for applications that require two stable
voltage outputs that can supply up to 150mA per channel. Output voltage noise is typically <1µVrms from 100Hz to 100kHz
and excellent power supply rejection of 90dB from 100Hz to 25kHz make this dual reference ideal for audio data converters
and PLL supplies. The voltage reference design combines the advantages of both series voltage and shunt voltage
references in one. That means the design has a low quiescent current, as in the series voltage reference, combined with a
low output impedance that is characteristic of the shunt voltage reference. The output impedance is low over the whole
output current range. In addition, the circuit is designed to operate with no output decoupling capacitor hence reducing BOM
cost and PCB area. High-performance regulator features such as, soft-start, under-voltage lockout, fast transient response,
over-temperature shutdown, over-current protection, and power-good indicators are included for ease-of-use and device
protection.
Dual Regulator Functional Blocks
The dual LDO regulator consists of: a low-noise bandgap reference with fast charge for the filter capacitor, reference buffer
amplifier, two high-performance 150mA low-dropout regulators, protection circuitry against fault conditions, plus control logic
and signaling. There are five Enable inputs, one for each regulated supply, plus ones for enabling soft-start, over-
temperature protection, and quick-discharge of the output voltage. All the Enable inputs include Schmitt triggers to prevent
signal
“chatter” when the input is noisy. There are four, active-low status outputs: power-good1, power-good2, over-
temperature warning, and over-temperature shutdown. Power-good signals are activated when the input voltage is above
3.0V and when the output exceeds 90% of final value. If any overload condition occurs, e.g. over-current or over-
temperature, the power-good signal will disappear. The regulator outputs use Kelvin sensing, i.e. force and sense
connections, to maximize the voltage accuracy and minimize voltage perturbations right at the DAC AVCC connections.
Input Supply
The E9311 operates from a single +3.5V to +5.5V supply and provides two outputs each capable of providing up to 150mA.
Power Supply Rejection (PSR) is typically 90dB that extends beyond the audio frequency range, up to 25kHz. When
powering the ES9311 from a switching power supply it is advisable to employ HF decoupling on the input to minimize noise
that may mix down into the audio band. High frequency PSR can also be improved by increasing the value of the noise
filtering capacitors from 1µF to 10µF and this is recommended for Audio DAC and ADC applications.
The ES9311 includes an Under-Voltage Lockout (UVLO) circuit that ensures the output voltage rises gracefully without
glitches or false starts that might introduce audible clicks or noise.
Outputs & Remote Sensing
Output noise from each supply is typically under 1µVrms from 100Hz to 100kHz, and less than 1.3µVrms from 10Hz to
100kHz. The temperature coefficient of each output is typically 50ppm/°C with a drift of ±0.5% over temperature which
corresponds to a DAC gain drift of ±0.05dB over temperature. Line and load regulation are typically 0.7mV/V and 16mV/A
(16mΩ output resistance) respectively. Isolation between the two outputs, which might affect crosstalk between left and right
channels, is over 120dB at 1kHz so the effect is negligible.
Remote sensing maintains an accurate voltage at the load, even at high load currents, despite voltage drops in the
connecting copper track. Bench power supply remote sensing uses a 4-wire connection, or Kelvin connection, that separates
the current path to and from the load from the voltage signal developed across the load. The 4-wire measurement bypasses
the voltage drop in the connecting cables by providing a voltage signal that is fed back to high-impedance ground and output
sense inputs. Slightly different from a bench power supply, the ES9311 dual regulator relies on a low-impedance ground
plane for the current return path and only uses remote sensing for the output connections as these tracks drop the most
voltage. This 3-wire scheme maximizes load regulation in conjunction with a low-impedance ground plane.
Output Noise Reduction
The ES9311 requires three 1µF noise filter capacitors, CRF, CF1, and CF2 to achieve its low-noise performance. These
capacitors should be low-leakage ceramic types with low-ESR and temperature rated for operation up to the maximum
internal operating temperature of the end product. Dielectric types X7R or X5R are highly recommended for these
capacitors. Higher values of noise filter capacitor can be used to increase high frequency PSR, e.g. 10µF, and this value and
is recommended for the highest performance Audio applications. A fast-charge circuit that rapidly charges the noise bypass
capacitor CRF minimizes startup time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com