Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES9311Q Datasheet(PDF) 8 Page - ESS Technology,Inc

Part # ES9311Q
Description  Dual, Ultra-Low Noise Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9311Q Datasheet(HTML) 8 Page - ESS Technology,Inc

Back Button ES9311Q Datasheet HTML 4Page - ESS Technology,Inc ES9311Q Datasheet HTML 5Page - ESS Technology,Inc ES9311Q Datasheet HTML 6Page - ESS Technology,Inc ES9311Q Datasheet HTML 7Page - ESS Technology,Inc ES9311Q Datasheet HTML 8Page - ESS Technology,Inc ES9311Q Datasheet HTML 9Page - ESS Technology,Inc ES9311Q Datasheet HTML 10Page - ESS Technology,Inc ES9311Q Datasheet HTML 11Page - ESS Technology,Inc ES9311Q Datasheet HTML 12Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
0.55
August 22, 2022
ES9311Q Dual, Ultra-Low Noise Linear Regulator
ESS TECHNOLOGY, INC. 109 Bonaventura Dr., San Jose, CA 95134, USA. Tel (408) 643-
8800 • WWW.ESSTECH.COM
8
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Power Supply Voltage
+6.0V with respect to GND
Storage temperature
–65
C to +150C
Operating Junction Temperature
+125
C
Thermal Impedance,
ΘJ-A
46
C/W
Thermal Impedance,
ΘJ-C
5
C/W
Voltage range for digital input pins
–0.3V to VIN + 0.3V
ESD Protection
Human Body Model (HBM)
Machine Model (MM)
2000V
200V
WARNING:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure
to absolute
–maximum–rated conditions for extended periods may affect device reliability.
WARNING: Electrostatic Discharge (ESD) can damage this device. Proper procedures must be followed to avoid ESD when handling this device.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
Operating Temperature Range
Ta
–25
C to +85C
Power Supply
Symbol
Voltage
Quiescent Current
(Note 1)
Standby Current
(Note 2)
Analog power supply voltage
VIN
+3.5V to
+5.5V
3.5mA typical
<10
A typical
Notes
1) Quiescent current with both channels enabled, no output load, nominal +5V supply
2) Both outputs are disabled
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
High-level input voltage
ENH
0.8
V
Low-level input voltage
ENL
0.4
V
Hysteresis
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com