Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC4932B Datasheet(PDF) 9 Page - STMicroelectronics

Part # STAC4932B
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STAC4932B Datasheet HTML 5Page - STMicroelectronics STAC4932B Datasheet HTML 6Page - STMicroelectronics STAC4932B Datasheet HTML 7Page - STMicroelectronics STAC4932B Datasheet HTML 8Page - STMicroelectronics STAC4932B Datasheet HTML 9Page - STMicroelectronics STAC4932B Datasheet HTML 10Page - STMicroelectronics STAC4932B Datasheet HTML 11Page - STMicroelectronics STAC4932B Datasheet HTML 12Page - STMicroelectronics STAC4932B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Table 7. STAC780-4B mechanical data
Symbol
Milimeters
Min
Typ
Max
A
3.76
3.86
A1
5.03
5.13
B
4.57
5.08
C
9.65
9.91
D
17.78
18.08
E
33.88
34.19
F
0.13
0.18
G
0.97
1.14
H
1.52
1.70
I
4.83
5.33
J
9.52
9.78
K
27.69
28.19
L
3.20
3.25
3.30
M
3.43
3.51
3.58
M
3.30
3.38
3.45
p
7.14
7.21
7.29
q
1.45
R1
0.64
R2
1.52
r
1.52
s
0.51
Θ
10°
CH1
2.03
CH2
1.52
STAC4932B
STAC780-4B package information
DS6724 - Rev 8
page 9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com