Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STAC4932B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC4932B
Description  HF/VHF/UHF RF power N-channel MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932B Datasheet(HTML) 1 Page - STMicroelectronics

  STAC4932B Datasheet HTML 1Page - STMicroelectronics STAC4932B Datasheet HTML 2Page - STMicroelectronics STAC4932B Datasheet HTML 3Page - STMicroelectronics STAC4932B Datasheet HTML 4Page - STMicroelectronics STAC4932B Datasheet HTML 5Page - STMicroelectronics STAC4932B Datasheet HTML 6Page - STMicroelectronics STAC4932B Datasheet HTML 7Page - STMicroelectronics STAC4932B Datasheet HTML 8Page - STMicroelectronics STAC4932B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
1
3
3
2
STAC780-4B
Pin connection
Pin
Connection
1
Drain
2
Source (bottom side)
3
Gate
Features
Order code
Frequency
VDD
POUT
Gain
Efficiency
STAC4932B
123 MHz
100 V
1000 W
24.6 dB
60 %
•
Excellent thermal stability
•
Common source push-pull configuration
•
POUT = 1000 W min. (1200 W typ.) with 24.6 dB gain at 123 MHz
•
Pulse conditions: 1ms, 10%
•
In compliance with the 2002/95/EC European directive
•
ST air-cavity STAC package technology
Description
The STAC4932B is an N-channel MOS field-effect RF power transistor. It is intended
for 100 V pulse applications up to 250 MHz. This device is suitable for use in
industrial, scientific and medical applications. The STAC4932B benefits from the
latest generation of efficient, patent-pending STAC package technology.
Product status
STAC4932B
Product summary
Order code
STAC4932B
Marking
STAC4932
Package
STAC780-4B
Packing
Box
Base / Bulk qty
20 / 80
HF/VHF/UHF RF power N-channel MOSFET
STAC4932B
Datasheet
DS6724 - Rev 8 - April 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STAC4932B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
More results

Similar Description - STAC4932B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD3932 STMICROELECTRONICS-SD3932 Datasheet
35Kb / 5P
RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETs
09-Sep-2003
SD4933 STMICROELECTRONICS-SD4933 Datasheet
646Kb / 19P
HF/VHF/UHF RF power N-channel MOSFET
11-Aug-2011
SD2931-11 STMICROELECTRONICS-SD2931-11 Datasheet
274Kb / 18P
RF power transistors HF/VHF/UHF N-channel MOSFETs
30-Mar-2010
STAC2932BW STMICROELECTRONICS-STAC2932BW Datasheet
406Kb / 14P
HF/VHF/UHF RF power N-channel MOSFETs
12-Jan-2012
SD4933 STMICROELECTRONICS-SD4933_13 Datasheet
780Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
SD2943W STMICROELECTRONICS-SD2943W Datasheet
522Kb / 15P
HF/VHF/UHF RF power N-channel MOSFETs
24-Aug-2011
logo
New Jersey Semi-Conduct...
SD2933 NJSEMI-SD2933 Datasheet
90Kb / 3P
HF/VHF/UHF RF power N-channel MOSFETs
logo
STMicroelectronics
SD2941-10W STMICROELECTRONICS-SD2941-10W Datasheet
450Kb / 17P
HF/VHF/UHF RF power N-channel MOSFETs
August 2014 Rev 5
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
HF/VHF/UHF RF power N-channel MOSFETs
27-Jan-2014
STAC3932B STMICROELECTRONICS-STAC3932B Datasheet
846Kb / 17P
HF/VHF/UHF RF power N-channel MOSFET
01-Jul-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com