Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82NXX-AB3-E-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 82NXX-AB3-E-R
Description  VOLTAGE DETECTORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82NXX-AB3-E-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button 82NXX-AB3-E-R Datasheet HTML 4Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 5Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 6Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 7Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 8Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 9Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 10Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 11Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
82NXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 17
www.unisonic.com.tw
QW-R502-057,B
TIMING CHART FUNCTIONAL DESCRIPTION
6
INPUT VOLTAGE(VIN)
DETECT RELEASE VOLTAGE(V DR)
DETECT VOLTAGE(V DF)
MIN.OPERATING VOLTAGE(VMIN)
GROUND VOLTAGE(Vss)
OUTPUT VOLTAGE(V OUT)
GROUND VOLTAGE(Vss)
12
3
4 5
1. When input voltage (VIN) rises above detect voltage (VDF), output voltage (VOUT) will be equal to VIN.
2. When input voltage (VIN) falls below detect voltage (VDF), output voltage (VOUT) will be equal to the ground voltage
(VSS) level.
3. When input voltage (VIN) falls to a level below that of the minimum operating voltage (VMIN), output will become
unstable. In this condition, VIN will equal the pulled-up output ( should output be pulled-up.)
4. When input voltage (VIN) rises above the ground voltage (VSS) level, output will be unstable at levels below the
minimum operating voltage (VMIN). Between the VMIN and detect release voltage (VDR) levels, the ground voltage
(VSS) level will be maintained.
5. When input voltage (VIN) rises above detect release voltage (VDR), output voltage (VOUT) will be equal to VIN.
6. The difference between VDR and VDF represents the hysteresis range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com