Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

82NXX-AB3-E-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 82NXX-AB3-E-R
Description  VOLTAGE DETECTORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

82NXX-AB3-E-R Datasheet(HTML) 1 Page - Unisonic Technologies

  82NXX-AB3-E-R Datasheet HTML 1Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 2Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 3Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 4Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 5Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 6Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 7Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 8Page - Unisonic Technologies 82NXX-AB3-E-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
UNISONIC TECHNOLOGIES CO., LTD
82NXX
CMOS IC
www.unisonic.com.tw
1 of 17
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R502-057,B
VOLTAGE DETECTORS
DESCRIPTION
The UTC 82NXX series are highly precise, low power
consumption voltage detectors. Detect voltage is extremely
accurate with minimal temperature drift. N-channel open drain
output configurations are available.
FEATURES
* High-accuracy detection voltage : ± 2%
* Detect voltage range : 0.9V to 6.0V in 0.1V increments
* Detect voltage temperature characteristics: TYP.±100ppm/℃.
* Wide operating voltage range : 0.7V to 10.0V
* Low current consumption : TYP 0.7µA(at VIN=1.5V)
TO-92
1
SOT-23
1
2
3
1
SOT-89
*Pb-free plating product number: 82NXXL
ORDERING INFORMATION
Order Number
Pin assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
82Nxx-AB3-D-R
82NxxL-AB3-D-R
SOT-89
I
G
O
Tape Reel
82Nxx-AB3-E-R
82NxxL-AB3-E-R
SOT-89
O
I
G
Tape Reel
82Nxx-AE3-5-R
82NxxL-AE3-5-R
SOT-23
G
O
I
Tape Reel
82Nxx-T92-D-B
82NxxL-T92-D-B
TO-92
I
G
O
Tape Box
82Nxx-T92-D-K
82NxxL-T92-D-K
TO-92
I
G
O
Bulk
82Nxx-T92-E-B
82NxxL-T92-E-B
TO-92
O
I
G
Tape Box
82Nxx-T92-E-K
82NxxL-T92-E-K
TO-92
O
I
G
Bulk
Note: 1. Pin assignment: I:Vin O:Vout G:Vss
2.xx: Output Voltage, refer to Marking Information
82NxxL-AB3-D-R
(1)Packing Type
(3)Package Type
(4)Lead Plating
(5)Output Voltage Code
(2)Pin Assignment
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) refer to Pin Assignment
(3) AB3: SOT-89, AE3: SOT-23, T92: TO-92
(5) xx: refer to Marking Information
(4) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 82NXX-AB3-E-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
82NXX UTC-82NXX Datasheet
280Kb / 13P
VOLTAGE DETECTORS
82NXXG-AB3-E-R UTC-82NXXG-AB3-E-R Datasheet
280Kb / 13P
VOLTAGE DETECTORS
82NXXG-AB3-E-R UTC-82NXXG-AB3-E-R Datasheet
277Kb / 12P
VOLTAGE DETECTORS
82NXXG-AE2-5-R UTC-82NXXG-AE2-5-R Datasheet
277Kb / 12P
VOLTAGE DETECTORS
82NXXG-AE3-5-R UTC-82NXXG-AE3-5-R Datasheet
280Kb / 13P
VOLTAGE DETECTORS
More results

Similar Description - 82NXX-AB3-E-R

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_09 Datasheet
280Kb / 13P
VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com