Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS665LSG Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS665LSG_05 Datasheet HTML 3Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 4Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 5Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 6Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 7Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 8Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
Under-Voltage Lockout:
When the supply voltage falls below the minimum operating voltage (Vcc
UV), the device turns OFF and stays OFF
irrespective of the state of the magnetic field. This prevents false signals caused by under-voltage conditions from
propagating to the output of the sensor.
Power Supply Protection:
The device contains an on-chip regulator and can operate over a wide supply voltage range. For devices that need to
operate from an unregulated power supply, transient protection must be added externally. For applications using a
regulated line, EMI/RFI protection may still be required. The following circuit is the most basic configuration required for
proper device operation. For EMC information, contact your Allegro representative.
Internal Electronics:
The ATS665 contains a self-calibrating Hall effect IC that possesses two Hall elements, a temperature compensated
amplifier and offset cancellation circuitry. The IC also contains a voltage regulator that provides supply noise rejection over
the operating voltage range. The Hall transducers and the electronics are integrated on the same silicon substrate using a
proprietary BiCMOS process. Changes in temperature do not greatly affect this device due to the stable amplifier design
and the offset rejection circuitry.
THRESH
LOGIC
HALL AMP
AUTOMATIC
GAIN
CONTROL
THRESHOLD
COMPARATOR
THRESHP
THRESHN
REFERENCE
GENERATOR
PPEAK
NPEAK
Vsig
PDAC
NDAC
INTERNAL
REGULATOR
Vcc
GND
OUTPUT
Current
Limit
Output
Transisto
r
Final Version, Rev 2.0; MN; 19Dec05
Page 7
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995, 2005 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com