Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS665LSG Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS665LSG
Description  True Zero Speed, High Accuracy, Gear Tooth Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS665LSG Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS665LSG_05 Datasheet HTML 9Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 10Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 11Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 12Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 13Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 14Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 15Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 16Page - Allegro MicroSystems ATS665LSG_05 Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
ATS665LSG
TRUE ZERO-SPEED GEAR TOOTH SENSOR
CHARACTERISTIC DATA
IccOn
0
2
4
6
8
10
12
14
-50
0
50
100
150
Temperature [°C]
4.3
12
20
26.5
IccOn
0
2
4
6
8
10
12
14
010
20
30
Vcc [V]
-40
0
25
85
150
Vcc
°C
IccOff
0
2
4
6
8
10
12
14
-50
0
50
100
150
Temperature [°C]
4.3
12
20
26.5
IccOff
0
2
4
6
8
10
12
14
010
20
30
Vcc [V]
-40
0
25
85
150
Vcc
°C
Vsat
50
100
150
200
250
300
350
400
-50
0
50
100
150
200
Temperature [°C]
Final Version, Rev 2.0; MN; 19Dec05
Page 14
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995, 2005 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com