Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC7809ACTG Datasheet(PDF) 21 Page - ON Semiconductor

Part # MC7809ACTG
Description  1.0 A Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7809ACTG Datasheet(HTML) 21 Page - ON Semiconductor

Back Button MC7809ACTG Datasheet HTML 17Page - ON Semiconductor MC7809ACTG Datasheet HTML 18Page - ON Semiconductor MC7809ACTG Datasheet HTML 19Page - ON Semiconductor MC7809ACTG Datasheet HTML 20Page - ON Semiconductor MC7809ACTG Datasheet HTML 21Page - ON Semiconductor MC7809ACTG Datasheet HTML 22Page - ON Semiconductor MC7809ACTG Datasheet HTML 23Page - ON Semiconductor MC7809ACTG Datasheet HTML 24Page - ON Semiconductor MC7809ACTG Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
21
Figure 12. Worst Case Power Dissipation versus
Ambient Temperature (Case 221A)
Figure 13. Input Output Differential as a Function
of Junction Temperature (MC78XXC, AC, B)
20
16
12
8.0
4.0
0
−50
−25
0
25
50
75
100
125
150
TA, AMBIENT TEMPERATURE (°C)
qHS = 0°C/W
0.5
0
−75
−50
−25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (°C)
IO = 0 mA
IO = 20 mA
IO = 1.0 A
IO = 500 mA
IO = 200 mA
DVO = 2% of VO
− − − Extended Curve for MC78XXB
qJC = 5°C/W
qJA = 65°C/W
TJ(max) = 150°C
qHS = 5°C/W
qHS = 15°C/W
No Heatsink
2.0
1.5
1.0
2.5
Figure 14. D2PAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length
30
40
50
60
70
80
1.0
1.5
2.0
2.5
3.0
3.5
0
102030
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
2.0 oz. Copper
L
L
Free Air
Mounted
Vertically
RqJA
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
Figure 15. DPAK Thermal Resistance and Maximum
Power Dissipation versus P.C.B. Copper Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com