Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC7809ACTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC7809ACTG
Description  1.0 A Positive Voltage Regulators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7809ACTG Datasheet(HTML) 3 Page - ON Semiconductor

  MC7809ACTG Datasheet HTML 1Page - ON Semiconductor MC7809ACTG Datasheet HTML 2Page - ON Semiconductor MC7809ACTG Datasheet HTML 3Page - ON Semiconductor MC7809ACTG Datasheet HTML 4Page - ON Semiconductor MC7809ACTG Datasheet HTML 5Page - ON Semiconductor MC7809ACTG Datasheet HTML 6Page - ON Semiconductor MC7809ACTG Datasheet HTML 7Page - ON Semiconductor MC7809ACTG Datasheet HTML 8Page - ON Semiconductor MC7809ACTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh (Note 1), unless otherwise noted)
MC7805B, NCV7805
MC7805C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
4.8
5.0
5.2
4.8
5.0
5.2
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
7.0 Vdc
≤ Vin ≤ 20 Vdc
8.0 Vdc
≤ Vin ≤ 20 Vdc
VO
−
4.75
−
5.0
−
5.25
4.75
−
5.0
−
5.25
−
Vdc
Line Regulation (Note 4)
7.5 Vdc
≤ Vin ≤ 20 Vdc, 1.0 A
8.0 Vdc
≤ Vin ≤ 12 Vdc
Regline
−
−
5.0
1.3
100
50
−
−
0.5
0.8
20
10
mV
Load Regulation (Note 4)
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TA = 25°C)
Regload
−
−
1.3
0.15
100
50
−
−
1.3
1.3
25
25
mV
Quiescent Current
IB
−
3.2
8.0
−
3.2
6.5
mA
Quiescent Current Change
7.0 Vdc
≤ Vin ≤ 25 Vdc
5.0 mA
≤ IO ≤ 1.0 A (TA = 25°C)
DIB
−
−
−
−
−
0.5
−
−
0.3
0.08
1.0
0.8
mA
Ripple Rejection
8.0 Vdc
≤ Vin ≤ 18 Vdc, f = 120 Hz
RR
−
68
−
62
83
−
dB
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
−
2.0
−
−
2.0
−
Vdc
Output Noise Voltage (TA = 25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
−
10
−
−
10
−
mV/VO
Output Resistance f = 1.0 kHz
rO
−
0.9
−
−
0.9
−
m
W
Short Circuit Current Limit (TA = 25°C)
Vin = 35 Vdc
ISC
−
0.2
−
−
0.6
−
A
Peak Output Current (TJ = 25°C)
Imax
−
2.2
−
−
2.2
−
A
Average Temperature Coefficient of Output Voltage
TCVO
−
−0.3
−
−
−0.3
−
mV/
°C
1. Tlow =0°C for MC78XXAC, C, Thigh = +125°C for MC78XXAC, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com