Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M50FW040NB5P Datasheet(PDF) 15 Page - STMicroelectronics

Part # M50FW040NB5P
Description  4-Mbit (512 Kb x8, uniform block) 3-V supply firmware hub Flash memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040NB5P Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M50FW040NB5P Datasheet HTML 11Page - STMicroelectronics M50FW040NB5P Datasheet HTML 12Page - STMicroelectronics M50FW040NB5P Datasheet HTML 13Page - STMicroelectronics M50FW040NB5P Datasheet HTML 14Page - STMicroelectronics M50FW040NB5P Datasheet HTML 15Page - STMicroelectronics M50FW040NB5P Datasheet HTML 16Page - STMicroelectronics M50FW040NB5P Datasheet HTML 17Page - STMicroelectronics M50FW040NB5P Datasheet HTML 18Page - STMicroelectronics M50FW040NB5P Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
M50FW040
Signal descriptions
15/53
2.2.6
Ready/Busy Output (RB)
The Ready/Busy pin gives the status of the memory’s Program/Erase Controller. When
Ready/Busy is Low, VOL, the memory is busy with a Program or Erase operation and it will
not accept any additional Program or Erase command except the Program/Erase Suspend
command. When Ready/Busy is High, VOH, the memory is ready for any Read, Program or
Erase operation.
2.3
Supply signal descriptions
The Supply Signals are the same for both interfaces.
2.3.1
VCC supply voltage
The VCC Supply Voltage supplies the power for all operations (Read, Program, Erase etc.).
The Command Interface is disabled when the VCC Supply Voltage is less than the Lockout
Voltage, VLKO. This prevents Bus Write operations from accidentally damaging the data
during power up, power down and power surges. If the Program/Erase Controller is
programming or erasing during this time then the operation aborts and the memory contents
being altered will be invalid. After VCC becomes valid the Command Interface is reset to
Read mode.
A 0.1µF capacitor should be connected between the VCC Supply Voltage pins and the VSS
Ground pin to decouple the current surges from the power supply. Both VCC Supply Voltage
pins must be connected to the power supply. The PCB track widths must be sufficient to
carry the currents required during program and erase operations.
2.3.2
VPP optional supply voltage
The VPP Optional Supply Voltage pin is used to select the Fast Erase option of the memory
and to protect the memory. When VPP < VPPLK Program and Erase operations cannot be
performed and an error is reported in the Status Register if an attempt to change the
memory contents is made. When VPP = VCC Program and Erase operations take place as
normal. When VPP = VPPH Fast Erase operations are used. Any other voltage input to VPP
will result in undefined behavior and should not be used.
VPP should not be set to VPPH for more than 80 hours during the life of the memory.
2.3.3
VSS ground
VSS is the reference for all the voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com