| Electronic Components Datasheet Search |
|
M50FW040NB5P Datasheet(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M50FW040NB5P Datasheet(HTML) 27 Page - STMicroelectronics |
|
27 / 53 page ![]() M50FW040 Status Register 27/53 5.0.3 Erase status (Bit 5) The Erase Status bit can be used to identify if the memory has applied the maximum number of erase pulses to the block and still failed to verify that the block has erased correctly. The Erase Status bit should be read once the Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive). When the Erase Status bit is ‘0’ the memory has successfully verified that the block has erased correctly; when the Erase Status bit is ‘1’ the Program/Erase Controller has applied the maximum number of pulses to the block and still failed to verify that the block has erased correctly. Once the Erase Status bit is set to ‘1’ the it can only be reset to ‘0’ by a Clear Status Register command or a hardware reset. If it is set to ‘1’ it should be reset before a new Program or Erase command is issued, otherwise the new command will appear to fail. 5.0.4 Program status (Bit 4) The Program Status bit can be used to identify if the memory has applied the maximum number of program pulses to the byte and still failed to verify that the byte has programmed correctly. The Program Status bit should be read once the Program/Erase Controller Status bit is ‘1’ (Program/Erase Controller inactive). When the Program Status bit is ‘0’ the memory has successfully verified that the byte has programmed correctly; when the Program Status bit is ‘1’ the Program/Erase Controller has applied the maximum number of pulses to the byte and still failed to verify that the byte has programmed correctly. Once the Program Status bit is set to ‘1’ it can only be reset to ‘0’ by a Clear Status Register command or a hardware reset. If it is set to ‘1’ it should be reset before a new Program or Erase command is issued, otherwise the new command will appear to fail. 5.0.5 VPP status (Bit 3) The VPP Status bit can be used to identify an invalid voltage on the VPP pin during Program and Erase operations. The VPP pin is only sampled at the beginning of a Program or Erase operation. Indeterminate results can occur if VPP becomes invalid during a Program or Erase operation. When the VPP Status bit is ‘0’ the voltage on the VPP pin was sampled at a valid voltage; when the VPP Status bit is ‘1’ the VPP pin has a voltage that is below the VPP Lockout Voltage, VPPLK, the memory is protected; Program and Erase operation cannot be performed. Once the VPP Status bit set to ‘1’ it can only be reset to ‘0’ by a Clear Status Register command or a hardware reset. If it is set to ‘1’ it should be reset before a new Program or Erase command is issued, otherwise the new command will appear to fail. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |