Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE811 Datasheet(PDF) 53 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 49Page - STMicroelectronics STMPE811_V01 Datasheet HTML 50Page - STMicroelectronics STMPE811_V01 Datasheet HTML 51Page - STMicroelectronics STMPE811_V01 Datasheet HTML 52Page - STMicroelectronics STMPE811_V01 Datasheet HTML 53Page - STMicroelectronics STMPE811_V01 Datasheet HTML 54Page - STMicroelectronics STMPE811_V01 Datasheet HTML 55Page - STMicroelectronics STMPE811_V01 Datasheet HTML 56Page - STMicroelectronics STMPE811_V01 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
STMPE811
GPIO controller
Doc ID 14489 Rev 5
53/66
GPIO_ED_STA
GPIO edge detect status
Address:
0x14
Type:
R/W
Reset:
0x00
Description:
GPIO edge detect status register. An edge transition has been detected.
GPIO_RE
Rising edge register
Address:
0x15
Type:
R/W
Reset:
0x00
Description:
GPIO rising edge detection enable register.
Setting this bit to ‘1’ would enable the detection of the rising edge transition.
The detection would be reflected in the GPIO edge detect status register.
GPIO_FE
Falling edge detection enable register
Address:
0x16
Type:
R/W
Reset:
0x00
Description:
Setting this bit to ‘1’ would enable the detection of the falling edge transition.
The detection would be reflected in the GPIO edge detect status register.
GPIO_ALT_FUNCT
Alternate function register
Address:
0x17
Type:
R/W
Reset:
0x0F
Description:
Alternate function register. "‘0’ sets the corresponding pin to function as
touchscreen/ADC, and ‘1’ sets it into GPIO mode.
13.0.1
Power supply
The STMPE811 GPIO operates from a separate supply pin (VIO). This dedicated supply pin
provides a level-shifting feature to the STMPE811. The GPIO remains valid until VIO is
removed.
The host system may choose to turn off Vcc supply while keeping VIO supplied. However it is
not allowed to turn off supply to VIO, while keeping the Vcc supplied.
The touchscreen is always powered by VIO. For better resolution and noise immunity, VIO
above 2.8 V is advised.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com