Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STMPE811 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STMPE811
Description  S-Touch® advanced resistive touchscreen controller with 8-bit GPIO expander
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE811 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STMPE811_V01 Datasheet HTML 24Page - STMicroelectronics STMPE811_V01 Datasheet HTML 25Page - STMicroelectronics STMPE811_V01 Datasheet HTML 26Page - STMicroelectronics STMPE811_V01 Datasheet HTML 27Page - STMicroelectronics STMPE811_V01 Datasheet HTML 28Page - STMicroelectronics STMPE811_V01 Datasheet HTML 29Page - STMicroelectronics STMPE811_V01 Datasheet HTML 30Page - STMicroelectronics STMPE811_V01 Datasheet HTML 31Page - STMicroelectronics STMPE811_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
Interrupt system
STMPE811
28/66
Doc ID 14489 Rev 5
GPIO_INT_EN
GPIO interrupt enable register
Address:
0x0C
Type:
R/W
Reset:
0x00
Description:
The GPIO interrupt register enables the GPIO interruption of a particular GPIO
source to the host.
GPIO_INT_STA
GPIO interrupt status register
Address:
0x0D
Type:
R
Reset:
0x00
Description:
The GPIO interrupt status register monitors the status of the interruption from a
particular GPIO pin interrupt source to the host. Regardless of whether or not the
GPIO_INT_STA bits are enabled, the corresponding GPIO_STA bits are still updated.
The ISG[7:0] bits are the interrupt status bits corresponding to the GPIO[7:0] pins.
Writing '1' to this register clears the corresponding bits. Writing '0' has no effect.
7654
3
2
1
0
IEG[x]
[7:0] IEG[x]: Interrupt enable GPIO mask (where x = 7 to 0)
1: Writing ‘1’ to the IE[x] bit enables the interruption to the host
7654
3
2
1
0
ISG[x]
[7:0] ISG[x]: GPIO interrupt status (where x = 7 to 0)
Read:
Interrupt status of the GPIO[x]. Reading the register clears any bits that have been set to '1'
Write:
Writing to this register has no effect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com