Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X6 Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32G431X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X6 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32G431X6 Datasheet HTML 69Page - STMicroelectronics STM32G431X6 Datasheet HTML 70Page - STMicroelectronics STM32G431X6 Datasheet HTML 71Page - STMicroelectronics STM32G431X6 Datasheet HTML 72Page - STMicroelectronics STM32G431X6 Datasheet HTML 73Page - STMicroelectronics STM32G431X6 Datasheet HTML 74Page - STMicroelectronics STM32G431X6 Datasheet HTML 75Page - STMicroelectronics STM32G431X6 Datasheet HTML 76Page - STMicroelectronics STM32G431X6 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 198 page
background image
DS12589 Rev 6
73/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
VPVD4
PVD threshold 4
Rising edge
2.69
2.74
2.79
V
Falling edge
2.59
2.64
2.69
VPVD5
PVD threshold 5
Rising edge
2.85
2.91
2.96
V
Falling edge
2.75
2.81
2.86
VPVD6
PVD threshold 6
Rising edge
2.92
2.98
3.04
V
Falling edge
2.84
2.90
2.96
Vhyst_BORH0
Hysteresis voltage of BORH0
Hysteresis in
continuous
mode
-20
-
mV
Hysteresis in
other mode
-30
-
Vhyst_BOR_PVD
Hysteresis voltage of BORH
(except BORH0) and PVD
--
100
-
mV
IDD
(BOR_PVD)(2)
BOR(3) (except BOR0) and
PVD consumption from VDD
--
1.1
1.6
µA
VPVM1
VDDA peripheral voltage
monitoring (COMP/ADC)
Rising edge
1.61
1.65
1.69
V
Falling edge
1.6
1.64
1.68
VPVM2
VDDA peripheral voltage
monitoring (OPAMP/DAC)
Rising edge
1.78
1.82
1.86
V
Falling edge
1.77
1.81
1.85
Vhyst_PVM1
PVM1 hysteresis
-
-
10
-
mV
Vhyst_PVM2
PVM2 hysteresis
-
-
10
-
mV
IDD
(PVM1/PVM2)
(2)
PVM1 and PVM2
consumption from VDD
--
2
-
µA
1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power
sleep modes.
2. Guaranteed by design.
3. BOR0 is enabled in all modes (except shutdown) and its consumption is therefore included in the supply
current characteristics tables.
Table 19. Embedded reset and power control block characteristics (continued)
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com