Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431X6 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32G431X6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431X6 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32G431X6 Datasheet HTML 70Page - STMicroelectronics STM32G431X6 Datasheet HTML 71Page - STMicroelectronics STM32G431X6 Datasheet HTML 72Page - STMicroelectronics STM32G431X6 Datasheet HTML 73Page - STMicroelectronics STM32G431X6 Datasheet HTML 74Page - STMicroelectronics STM32G431X6 Datasheet HTML 75Page - STMicroelectronics STM32G431X6 Datasheet HTML 76Page - STMicroelectronics STM32G431X6 Datasheet HTML 77Page - STMicroelectronics STM32G431X6 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 198 page
background image
Electrical characteristics
STM32G431x6 STM32G431x8 STM32G431xB
74/198
DS12589 Rev 6
5.3.4
Embedded voltage reference
The parameters given in Table 20 are derived from tests performed under the ambient
temperature and supply voltage conditions summarized in Table 17: General operating
conditions.
Table 20. Embedded internal voltage reference
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREFINT
Internal reference
voltage
–40 °C < TA < +130 °C 1.182 1.212 1.232
V
tS_vrefint (1)
1. The shortest sampling time is determined in the application by multiple iterations.
ADC sampling time
when reading the
internal reference
voltage
-4(2)
2. Guaranteed by design.
--
µs
tstart_vrefint
Start time of reference
voltage buffer when
ADC is enable
--
8
12(2)
µs
IDD(VREFINTBUF)
VREFINT buffer
consumption from VDD
when converted by
ADC
--
12.5
20(2)
µA
∆VREFINT
Internal reference
voltage spread over
the temperature range
VDD = 3 V
-
5
7.5(2)
mV
TCoeff
Average temperature
coefficient
–40°C < TA < +130°C
-
30
50(2)
ppm/°C
ACoeff
Long term stability
1000 hours, T = 25°C
-
300
1000(2)
ppm
VDDCoeff
Average voltage
coefficient
3.0 V < VDD < 3.6 V
-
250
1200(2) ppm/V
VREFINT_DIV1
1/4 reference voltage
-
24
25
26
%
VREFINT
VREFINT_DIV2
1/2 reference voltage
49
50
51
VREFINT_DIV3
3/4 reference voltage
74
75
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com