Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40440 Datasheet(PDF) 39 Page - ABB

Part # OVR40440
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40440 Datasheet(HTML) 39 Page - ABB

Back Button OVR40440 Datasheet HTML 35Page - ABB OVR40440 Datasheet HTML 36Page - ABB OVR40440 Datasheet HTML 37Page - ABB OVR40440 Datasheet HTML 38Page - ABB OVR40440 Datasheet HTML 39Page - ABB OVR40440 Datasheet HTML 40Page - ABB OVR40440 Datasheet HTML 41Page - ABB OVR40440 Datasheet HTML 42Page - ABB OVR40440 Datasheet HTML 43Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Residual
Curr
ent
Devices
Low Voltage Products & Systems
16.37
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Application guide
Residual current devices
Introduction
Residual current devices (RCD) have always played an important role in
circuit protection by detecting leakage to ground for equipment in many
installations. RCD’s are used in unison with a circuit protective device in
industrial applications in the United States. The following guide will give
an insight to the construction, mechanical operation, and applications of
RCD’s.
RCD Definitions
Important definitions:
Earth leakage current
Current that flows between line to line or line to earth.
Residual current
The sum of the values of the electric currents in all live conductors
Fault current
Current that flows between line to line or line to earth.
Earth fault
When a conductive path is accidentally induced between a line and the
earth
RCD Definition
RCD’s provide ground fault protection to equipment by monitoring the
leakage of current to ground. An RCD will trip when a ground fault is
detected in excess of the trip rating of the device. An RCD is designed
to disconnect a circuit whenever it detects that the electrical current is
unbalanced between the phase conductor and the neutral conductor. An
imbalance may be caused by phase leaking to ground.
Difference between type A and AC
Types of RCD’s
Type AC
Must be used for protection against AC earth leakage current.
Type A
Must be used for protection against AC and pulsating DC (rectified
AC) earth leakage current. The type A RCD must be installed in any
circuit where the main supply is likely to be rectified. Some examples of
applications where this would apply are motor speed controllers (drives)
and power tools.
Current
transformer
Test wire
Test button
Position indicator
Operator handle
Sense circuitry
Solenoid
Solenoid pin
Terminals
ABB Residual Current Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com