Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OVR40440 Datasheet(PDF) 41 Page - ABB

Part # OVR40440
Description  DIN Rail circuit protective devices
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OVR40440 Datasheet(HTML) 41 Page - ABB

Back Button OVR40440 Datasheet HTML 37Page - ABB OVR40440 Datasheet HTML 38Page - ABB OVR40440 Datasheet HTML 39Page - ABB OVR40440 Datasheet HTML 40Page - ABB OVR40440 Datasheet HTML 41Page - ABB OVR40440 Datasheet HTML 42Page - ABB OVR40440 Datasheet HTML 43Page - ABB OVR40440 Datasheet HTML 44Page - ABB OVR40440 Datasheet HTML 45Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
Residual
Curr
ent
Devices
Low Voltage Products & Systems
16.39
ABB Inc. • 888-385-1221 • www.abb.us/lowvoltage
1SXU000023C0202 Rev. A
16
16
Difference between RCD and MCB
Miniature Circuit Breaker (MCB)
A miniature circuit breaker (MCB) is a device designed to isolate a circuit
during an overcurrent event without the use of a fusible element. A
breaker is a resettable protective device that protects against two types of
overcurrent situations; overload and short circuit.
Residual Current Device (RCD)
A residual current device (RCD) is a device designed to provide protection
against voltage leakage to ground. RCD’s are sensitive to a 30-300mA.
RCD’s are mechanical devices that contain a CT and a solenoid. RCD’s
are designed to protect equipment, not wires against overload and short
circuit situations. For this reason, an RCD should always be used in
conjunction with an MCB in order to provide full protection from overload
and leakage to ground.
Ground Fault Interrupter (GFI)
GFI Definition (NEC): A device intended for the protection of personnel that
functions to de-energize a circuit or portion thereof within an established
period of time when a current to ground exceeds the values established for
a Class A device.
A ground fault interrupter (GFI) is a device designed to measure the current
between the hot wire and neutral wire. Like the RCD, the GFI will open the
closed contacts in order to protect against damage. A GFI is sensitive to
5mA and higher and is designed to protect people, not equipment.
A GFI is an electric device that contains a printed circuit board (PCB).
GFI’s have a “pigtail” wire at the end that carries a signal to the PCB that
tells the contacts to open when a current imbalance is detected between
the two conductors.
Application manual
Difference between RCD and MCB
Example of current leakage to ground
L1
N
L1
1
N
Abrasion in wire;
small (mA)
leakage to ground
Current ow
Current ow
X
Neutral (N) return path is not
equal to the current in the hot
(L1) path (leakage to ground);
there is an imbalance
between the
L1 and N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com