Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8599SEFT/V Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 38Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 39Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 40Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 41Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 42Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 43Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
40
POP AND CLICK PERFORMANCE
The WM8599 includes a number of features designed to minimise pops and clicks in various phases
of operation including power up, power down, changing analogue paths and starting/stopping clocks.
In order to ensure optimum performance, the following sequences should be followed.
POWERUP SEQUENCE
1.
Apply power to the WM8599 (see Power On Reset).
2.
Set-up initial internal biases:
•
SOFT_ST=1
•
FAST_EN=1
•
POBCTRL=1
3.
Enable output drivers to allow the AC coupling capacitors at the output stage to be pre-
charged to DACVMID:
•
VOUTxL_EN=1
•
VOUTxR_EN=1
4.
Enable DACVMID. 500kΩ selected here for optimum pop reduction:
•
VMID_SEL=10
5.
Wait until DACVMID has fully charged. The time is dependent on the capacitor values
used to AC-couple the outputs and to decouple DACVMID, and the VMID_SEL value
chosen. An approximate delay of 6xRCms can be used, where R is the DACVMID
resistance and C is the decoupling capacitor on DACVMID. For DACVMID resistance of
50kΩ and C=4.7uF, the delay should be approximately 1.5 seconds.
•
Insert delay
6.
Enable the master bias and DACVMID buffer:
•
BIAS_EN=1
•
BUFIO_EN=1
7.
Switch the output drivers to use the master bias instead of the power up (fast) bias:
•
POBCTRL=0
8.
Enable all functions (DACs, ADC, PGAs) required for use. Outputs are muted by default so
the write order is not important.
9.
Unmute the outputs and switch DACVMID resistance to 50k for normal operation:
•
VOUTxL_MUTE=0
•
VOUTxR_MUTE=0
•
VMID_SEL=01
POWERDOWN SEQUENCE
1.
Mute all outputs:
•
MUTE_ALL=1
2.
Set up biases for power down mode:
•
FAST_EN=1
•
VMID_SEL=01
•
BIAS_EN=1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com