Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8599SEFT/V Datasheet(PDF) 56 Page - Wolfson Microelectronics plc

Part # WM8599SEFT/V
Description  24-bit 192kHz 2Vrms Multi-Channel CODEC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8599SEFT/V Datasheet(HTML) 56 Page - Wolfson Microelectronics plc

Back Button WM8599SEFT/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 53Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 54Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 55Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 56Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 57Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 58Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 59Page - Wolfson Microelectronics plc WM8599SEFT/V Datasheet HTML 60Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
WM8599
Product Preview
w
PP Rev 1.0 January 2007
56
Figure 36 R19-24 – PGA Volume Control Registers
R23 (17h) – PGA3L Volume Control Register (PGA3L_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PGA3L_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA3L_VOL[7:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
R24 (18h) – PGA3R Volume Control Register (PGA3R_VOL)
Bit #
15
14
13
12
11
10
9
8
Read
0
0
0
0
0
0
0
0
Write
N/A
N/A
N/A
N/A
N/A
N/A
N/A
PGA3R_VU
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Read
Write
PGA3R_VOL[7:0]
Default
0
0
0
0
0
0
0
0
N/A = Not Applicable (no function implemented)
PGA1L_VOL[7:0]
PGA1R_VOL[7:0]
PGA2L_VOL[7:0]
PGA2R_VOL[7:0]
PGA3L_VOL[7:0]
PGA3R_VOL[7:0]
Input PGA Volume
0000 0000 = 0dB
0000 0001 = -0.5dB
0000 0010 = -1.0dB
…0.5dB steps
1001 1111 = -80dB
1X1X XXXX = PGA Mute
PGA1L_VU
PGA1R_VU
PGA2L_VU
PGA2R_VU
PGA3L_VU
PGA3R_VU
Input PGA Volume Update
0 = Latch corresponding volume setting into Register Map but do not update volume
1 = Latch corresponding volume setting into Register Map and update all channels simultaneously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com