Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8973LGEFL/V Datasheet(PDF) 49 Page - Wolfson Microelectronics plc

Part # WM8973LGEFL/V
Description  Stereo CODEC for Portable Audio Applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973LGEFL/V Datasheet(HTML) 49 Page - Wolfson Microelectronics plc

Back Button WM8973LGEFL/V Datasheet HTML 45Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 46Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 47Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 48Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 49Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 50Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 51Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 52Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 53Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Production Data
WM8973L
w
PD Rev 4.2 September 2005
49
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8:7
VMIDSEL
00
Vmid divider enable and select
00 – Vmid disabled (for OFF mode)
01 – 50k
Ω divider enabled (for
playback/record)
10 – 500k
Ω divider enabled (for low-power
standby)
11 – 5k
Ω divider enabled (for fast start-up)
6
VREF
0
VREF (necessary for all other functions)
0 = Power down
1 = Power up
5
AINL
0
Analogue in PGA Left
0 = Power down
1 = Power up
4
AINR
0
Analogue in PGA Right
0 = Power down
1 = Power up
3
ADCL
0
ADC Left
0 = Power down
1 = Power up
2
ADCR
0
ADC Right
0 = Power down
1 = Power up
R25 (19h)
Power
Management
(1)
1
MICB
0
MICBIAS
0 = Power down
1 = Power up
8
DACL
0
DAC Left
0 = Power down
1 = Power up
7
DACR
0
DAC Right
0 = Power down
1 = Power up
6
LOUT1
0
LOUT1 Output Buffer*
0 = Power down
1 = Power up
5
ROUT1
0
ROUT1 Output Buffer*
0 = Power down
1 = Power up
4
LOUT2
0
LOUT2 Output Buffer*
0 = Power down
1 = Power up
3
ROUT2
0
ROUT2 Output Buffer*
0 = Power down
1 = Power up
2
MONO
0
MONOOUT Output Buffer and Mono Mixer
0 = Power down
1 = Power up
R26 (1Ah)
Power
Management
(2)
1
OUT3
0
OUT3 Output Buffer
0 = Power down
1 = Power up
* The left mixer is enabled when LOUT1=1 or LOUT2=1. The right mixer is enabled when
ROUT1=1 or ROUT2=1.
Table 43 Power Management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com