Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8973LGEFL/V Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8973LGEFL/V
Description  Stereo CODEC for Portable Audio Applications
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973LGEFL/V Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8973LGEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM8973LGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
Production Data
WM8973L
w
PD Rev 4.2 September 2005
19
The signal inputs are biased internally to the reference voltage VREF. Whenever the line inputs are
muted or the device placed into standby mode, the inputs are kept biased to VREF using special
anti-thump circuitry. This reduces any audible clicks that may otherwise be heard when changing
inputs.
DC MEASUREMENT
For DC measurements (for example, battery voltage monitoring), the input signal at the LINPUT1
and/or RINPUT1 pins can be taken directly into the respective ADC, bypassing both PGA and
microphone boost. The ADC output then becomes unsigned relative to AVDD, instead of being a
signed (two’s complement) number relative to VREF. Setting L/RDCM will override L/RINSEL. The
input range for dc measurement is AGND to AVDD.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:6
LINSEL
00
Left Channel Input Select
00 = LINPUT1
01 = LINPUT2
10 = LINPUT3
11 = L-R Differential (either LINPUT1-
RINPUT1 or LINPUT2-RINPUT2,
selected by DS)
R32 (20h)
ADC Signal
Path Control
(Left)
5:4
LMICBOOST
00
Left Channel Microphone Gain Boost
00 = Boost off (bypassed)
01 = 13dB boost
10 = 20dB boost
11 = 29dB boost
7:6
RINSEL
00
Right Channel Input Select
00 = RINPUT1
01 = RINPUT2
10 = RINPUT3
11 = L-R Differential (either LINPUT1-
RINPUT1 or LINPUT2-RINPUT2,
selected by DS)
R33 (21h)
ADC Signal
Path Control
(Right)
5:4
RMICBOOST
00
Right Channel Microphone Gain Boost
00 = Boost off (bypassed)
01 = 13dB boost
10 = 20dB boost
11 = 29dB boost
Table 3 Input Software Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
RDCM
0
Right Channel DC Measurement
0 = Normal Operation, PGA Enabled
1 = Measure DC level on RINPUT1
R31 (1Fh)
ADC input Mode
4
LDCM
0
Left Channel DC Measurement
0 = Normal Operation, PGA Enabled
1 = Measure DC level on LINPUT1
Table 4 DC Measurement Select
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
ADC Input Mode
8
DS
0
Differential input select
0: LINPUT1 - RINPUT1
1: LINPUT2 – RINPUT2
Table 5 Differential Input Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com