Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC130M02DFMR Datasheet(PDF) 7 Page - Texas Instruments

Part # AMC130M02DFMR
Description  AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC130M02DFMR Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC130M02DFMR Datasheet HTML 3Page - Texas Instruments AMC130M02DFMR Datasheet HTML 4Page - Texas Instruments AMC130M02DFMR Datasheet HTML 5Page - Texas Instruments AMC130M02DFMR Datasheet HTML 6Page - Texas Instruments AMC130M02DFMR Datasheet HTML 7Page - Texas Instruments AMC130M02DFMR Datasheet HTML 8Page - Texas Instruments AMC130M02DFMR Datasheet HTML 9Page - Texas Instruments AMC130M02DFMR Datasheet HTML 10Page - Texas Instruments AMC130M02DFMR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
6.6 Safety-Related Certifications
VDE
UL
DIN EN IEC 60747-17 (VDE 0884-17),
EN IEC 60747-17,
DIN EN IEC 62368-1 (VDE 0868-1),
EN IEC 62368-1,
IEC 62368-1 Clause : 5.4.3 ; 5.4.4.4 ; 5.4.9
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs.
Reinforced insulation
Single protection
Certificate number: Pending
File number: E181974
6.7 Safety Limiting Values
Safety limiting (1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A
failure ofthe I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to
overheatthe die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
RθJA = 73.5°C/W, DVDD = 5.5 V,
TJ = 150°C, TA = 25°C
309
mA
RθJA = 73.5°C/W, DVDD = 3.3 V,
TJ = 150°C, TA = 25°C
472
PS
Safety input, output, or total power
RθJA = 73.5°C/W, TJ = 150°C, TA = 25°C
1700
mW
TS
Maximum safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power, respectively. Do not exceed the maximum limits of IS and PS. These
limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA is that of a device installed on a high-K test board for leaded surface-mount packages. Use
these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum junction temperature.
PS = IS × VDDmax, where VDDmax is the maximum low-side voltage.
www.ti.com
AMC130M02
SBASAN9 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AMC130M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com