Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMC130M02DFMR Datasheet(PDF) 1 Page - Texas Instruments

Part # AMC130M02DFMR
Description  AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC130M02DFMR Datasheet(HTML) 1 Page - Texas Instruments

  AMC130M02DFMR Datasheet HTML 1Page - Texas Instruments AMC130M02DFMR Datasheet HTML 2Page - Texas Instruments AMC130M02DFMR Datasheet HTML 3Page - Texas Instruments AMC130M02DFMR Datasheet HTML 4Page - Texas Instruments AMC130M02DFMR Datasheet HTML 5Page - Texas Instruments AMC130M02DFMR Datasheet HTML 6Page - Texas Instruments AMC130M02DFMR Datasheet HTML 7Page - Texas Instruments AMC130M02DFMR Datasheet HTML 8Page - Texas Instruments AMC130M02DFMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated
Delta-Sigma ADC With Integrated DC/DC Converter
1 Features
• Two isolated, simultaneous sampling ΔΣ ADCs
with differential inputs
• Single-supply operation (3.3 V or 5 V) with
integrated DC/DC converter
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Programmable data rate up to 64 kSPS
• Programmable gain up to 128
• Low-drift internal voltage reference
• 4-wire SPI interface with cyclic redundancy check
(CRC)
• Safety-related certifications:
– 7070-VPEAK reinforced isolation per DIN EN
IEC 60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL1577
• Package: 20-pin, wide-body SOIC
• Operating temperature range: –40°C to +125°C
2 Applications
• Electricity meters: Commercial and residential
• Circuit breakers
• EV charging stations
• Battery management systems
3 Description
The AMC130M02 is a precision, two-channel, data-
and power-isolated, simultaneous-sampling, 16-bit,
delta-sigma (ΔΣ), analog-to-digital converter (ADC).
The AMC130M02 offers wide dynamic range, low
power, and energy-measurement-specific features
designed for energy metering and power metrology
applications. The ADC inputs can be directly
interfaced to a resistor-divider network or a shunt
current sensor because of the device high input
impedance.
The AMC130M02 features a fully integrated isolated
DC/DC converter that allows single-supply operation
from the low-side of the device. The reinforced
capacitive isolation barrier is certified according to
VDE 0884-17 and UL1577. This isolation barrier
separates parts of the system that operate on different
common-mode voltage levels and protects lower-
voltage parts from damage, making the AMC130M02
an excellent choice for polyphase energy metering
applications using shunt current sensors.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
AMC130M02
DFM (SOIC, 20)
12.8 mm × 10.3 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
SPI Interface
&
Control
Isolated
Power
Isolated
Power
GPO
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
DVDD
DCDC_CAP
DGND
CLKIN
MCU
Low-side supply
(3.3 V or 5 V)
HGND
CS
DIN
SCLK
DOUT
SYNC/RESET
1.2V
Reference
GND
AIN1N
-ADC
AIN1P
AIN0N
-ADC
AIN0P
Source
A
B
N
C
Phase A
ISO GND
ISO GND
Current
Measurement
Voltage
Measurement
DRDY
–
+
–
+
Typical Application of the AMC130M02 in Energy Metering
AMC130M02
SBASAN9 – SEPTEMBER 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - AMC130M02DFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC130M03 TI-AMC130M03 Datasheet
2Mb / 92P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC130M03 TI-AMC130M03 Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC130M03DFMR TI-AMC130M03DFMR Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC130M03 TI-AMC130M03_V01 Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
More results

Similar Description - AMC130M02DFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130B02-Q1 TI-ADS130B02-Q1 Datasheet
2Mb / 61P
ADS130B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 16-Bit, Delta-Sigma ADC
NOVEMBER 2021
ADS131M02-Q1 TI-ADS131M02-Q1 Datasheet
2Mb / 84P
ADS131M02-Q1 Automotive, 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
AMC131M03 TI-AMC131M03 Datasheet
2Mb / 92P
AMC131M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC130M03 TI-AMC130M03 Datasheet
2Mb / 92P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC131M03-Q1 TI-AMC131M03-Q1 Datasheet
2Mb / 90P
AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC131M03 TI1-AMC131M03_V01 Datasheet
3Mb / 99P
AMC131M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC131M01 TI-AMC131M01 Datasheet
3Mb / 81P
AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
SEPTEMBER 2023
AMC131M02 TI-AMC131M02 Datasheet
3Mb / 89P
AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
SEPTEMBER 2023
AMC130M03 TI-AMC130M03_V01 Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC131M03-Q1 TI-AMC131M03-Q1_V01 Datasheet
3Mb / 98P
AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com