Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 11Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 12Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 13Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 14Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 15Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 16Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 17Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 18Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
15
AT8xC51SND1C
4109JS–8051–10/06
1. Peripherals
The AT8xC51SND1C peripherals are briefly described in the following sections. For fur-
ther details on how to interface (hardware and software) to these peripherals, please
refer to the AT8xC51SND1C design guide.
1.1 Clock Generator System
The AT8xC51SND1C internal clocks are extracted from an on-chip PLL fed by an on-
chip oscillator. Four clocks are generated respectively for the C51 core, the MP3
decoder, the audio interface, and the other peripherals. The C51 and peripheral clocks
are derived from the oscillator clock. The MP3 decoder clock is generated by dividing
the PLL output clock. The audio interface sample rates are also obtained by dividing the
PLL output clock.
1.2 Ports
The AT8xC51SND1C implements five 8-bit ports (P0 to P4) and one 4-bit port (P5). In
addition to performing general-purpose I/O, some ports are capable of external data
memory operations; others allow for alternate functions. All I/O Ports are bidirectional.
Each Port contains a latch, an output driver and an input buffer. Port 0 and Port 2 output
drivers and input buffers facilitate external memory operations. Some Port 1, Port 3 and
Port 4 pins serve for both general-purpose I/O and alternate functions.
1.3 Timers/Counters
The AT8xC51SND1C implements the two general-purpose, 16-bit Timers/Counters of a
standard C51. They are identified as Timer 0, Timer 1, and can independently be config-
ured each to operate in a variety of modes as a Timer or as an event Counter. When
operating as a Timer, a Timer/Counter runs for a programmed length of time, then
issues an interrupt request. When operating as a Counter, a Timer/Counter counts neg-
ative transitions on an external pin. After a preset number of counts, the Counter issues
an interrupt request.
1.4 Watchdog Timer
The AT8xC51SND1C implements a hardware Watchdog Timer that automatically resets
the chip if it is allowed to time out. The WDT provides a means of recovering from rou-
tines that do not complete successfully due to software or hardware malfunctions.
1.5 MP3 Decoder
The AT8xC51SND1C implements a MPEG I/II audio layer 3 decoder (known as MP3
decoder).
In MPEG I (ISO 11172-3) three layers of compression have been standardized support-
ing three sampling frequencies: 48, 44.1, and 32 KHz. Among these layers, layer 3
allows highest compression rate of about 12:1 while still maintaining CD audio quality.
For example, 3 minutes of CD audio (16-bit PCM, 44.1 KHz) data, which needs about 32
MBytes of storage, can be encoded into only 2.7 MBytes of MPEG I audio layer 3 data.
In MPEG II (ISO 13818-3), three additional sampling frequencies: 24, 22.05, and 16
KHz are supported for low bit rates applications.
The AT8xC51SND1C can decode in real-time the MPEG I audio layer 3 encoded data
into a PCM audio data, and also supports MPEG II audio layer 3 additional frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com