Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51SND1C-ROTIL Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT80C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51SND1C-ROTIL Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT80C51SND1C-ROTIL Datasheet HTML 21Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 22Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 23Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 24Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 25Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 26Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 27Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 28Page - ATMEL Corporation AT80C51SND1C-ROTIL Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
187
4109JS–8051–10/06
AT8xC51SND1C
22.3.1.3
Waveforms
Figure 22-8. External Program Bus Cycle - Read Waveforms
22.3.2
External Data 8-bit Bus Cycles
22.3.2.1
Definition of Symbols
Table 152. External Data 8-bit Bus Cycles Timing Symbol Definitions
22.3.2.2
Timings
Test conditions: capacitive load on all pins= 50 pF.
Table 153. External Data 8-bit Bus Cycle - Read AC Timings
VDD = 2.7 to 3.3 V, TA = -40 to +85°C
T
PLIV
P2
P0
PSEN
ALE
T
LHLL
T
PLPH
Instruction In
A15:8
TLLPL
A7:0
A15:8
T
AVLL TLLAX
T
PLAZ
D7:0
T
PXIX
TPXIZ
D7:0
T
PXAV
Instruction In
A7:0
D7:0
Signals
Conditions
A
Address
H
High
D
Data In
L
Low
LALE
V
Valid
Q
Data Out
X
No Longer Valid
RRD
ZFloating
WWR
Symbol
Parameter
Variable Clock
Standard Mode
Variable Clock
X2 Mode
Unit
Min
Max
Min
Max
TCLCL
Clock Period
50
50
ns
TLHLL
ALE Pulse Width
2·TCLCL-15
TCLCL-15
ns
TAVLL
Address Valid to ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLAX
Address hold after ALE Low
TCLCL-20
0.5·TCLCL-20
ns
TLLRL
ALE Low to RD Low
3·TCLCL-30
1.5·TCLCL-30
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com