Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSIM Datasheet(PDF) 66 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSIM Datasheet HTML 62Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 63Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 64Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 65Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 66Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 67Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 68Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 69Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 83 page
background image
67
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
DC Parameters for
Standard Voltage (2)
TA = 0
°C to +70°C; V
SS = 0 V; VCC = 2.7V to 5.5V; F = 10 to 40 MHz
TA = -40
°C to +85°C; V
SS = 0 V; VCC = 2.7V to 5.5V; F = 10 to 40 MHz
Symbol
Parameter
Min
Typ(5)
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2 V
CC - 0.1
V
V
IH
Input High Voltage except XTAL1, RST
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3, 4 and 5 (6)
0.45
V
I
OL = 0.8 mA
(4)
V
OL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.45
V
I
OL = 1.6 mA
(4)
V
OH
Output High Voltage, ports 1, 2, 3, 4 and 5
0.9 V
CC
VI
OH = -10 µA
V
OH1
Output High Voltage, port 0, ALE, PSEN
0.9 V
CC
VI
OH = -40 µA
I
IL
Logical 0 Input Current ports 1, 2, 3, 4 and 5
-50
µAV
IN = 0.45V
I
LI
Input Leakage Current
±10
µA
0.45V < V
IN < VCC
I
TL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
and 5
-650
µAV
IN = 2.0V
R
RST
RST Pulldown Resistor
50
200
250
k
Ω
CIO
Capacitance of I/O Buffer
10
pF
Fc = 3 MHz
TA = 25
°C
I
PD
Power-down Current
120
150
µAV
CC =2.7V to 5.5V
(3)
I
CCOP
Power Supply Current on normal mode
0.29 x Frequency (MHz) + 4
mA
V
CC = 5.5V
(1)
I
CCIDLE
Power Supply Current on idle mode
0.16 x Frequency (MHz) + 4
mA
V
CC = 5.5V
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com