Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT80C51RB2-3CSIM Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT80C51RB2-3CSIM
Description  80C51 High Performance ROM 8-bit Microcontroller
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT80C51RB2-3CSIM Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT80C51RB2-3CSIM Datasheet HTML 11Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 12Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 13Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 14Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 15Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 16Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 17Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 18Page - ATMEL Corporation AT80C51RB2-3CSIM Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 83 page
background image
16
AT80C51RD2/AT83C51Rx2
4113B–8051–03/05
When an instruction accesses an internal location above address 7Fh, the CPU knows
whether the access is to the upper 128 bytes of data RAM or to SFR space by the
addressing mode used in the instruction.
•
Instructions that use direct addressing access SFR space. For example: MOV
0A0H, # data, accesses the SFR at location 0A0h (which is P2).
•
Instructions that use indirect addressing access the Upper 128 bytes of data RAM.
For example: MOV @R0, # data where R0 contains 0A0h, accesses the data byte
at address 0A0h, rather than P2 (whose address is 0A0h).
•
The XRAM bytes can be accessed by indirect addressing, with EXTRAM bit cleared
and MOVX instructions. This part of memory which is physically located on-chip,
logically occupies the first bytes of external data memory. The bits XRS0 and XRS1
are used to hide a part of the available XRAM as explained in Table 7. This can be
useful if external peripherals are mapped at addresses already used by the internal
XRAM.
•
With EXTRAM = 0, the XRAM is indirectly addressed, using the MOVX instruction in
combination with any of the registers R0, R1 of the selected bank or DPTR. An
access to XRAM will not affect ports P0, P2, P3.6 (WR) and P3.7 (RD). For
example, with EXTRAM = 0, MOVX @R0, # data where R0 contains 0A0H,
accesses the XRAM at address 0A0H rather than external memory. An access to
external data memory locations higher than the accessible size of the XRAM will be
performed with the MOVX DPTR instructions in the same way as in the standard
80C51, with P0 and P2 as data/address busses, and P3.6 and P3.7 as write and
read timing signals. Accesses to XRAM above 0FFH can only be done by the use of
DPTR.
•
With EXTRAM = 1, MOVX @Ri and MOVX @DPTR will be similar to the standard
80C51. MOVX @ Ri will provide an eight-bit address multiplexed with data on Port 0
and any output port pins can be used to output higher order address bits. This is to
provide the external paging capability. MOVX @DPTR will generate a sixteen-bit
address. Port2 outputs the high-order eight address bits (the contents of DPH) while
Port0 multiplexes the low-order eight address bits (DPL) with data. MOVX @ Ri and
MOVX @DPTR will generate either read or write signals on P3.6 (WR) and P3.7
(RD).
The stack pointer (SP) may be located anywhere in the 256 bytes RAM (lower and
upper RAM) internal data memory. The stack may not be located in the XRAM.
The M0 bit allows to stretch the XRAM timings; if M0 is set, the read and write pulses
are extended from 6 to 30 clock periods. This is useful to access external slow
peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com