Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C9500X-FAN-1U-R Datasheet(PDF) 4 Page - Cisco Systems, Inc.

Part # C9500X-FAN-1U-R
Description  Cisco Catalyst 9500 Series Switches
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

C9500X-FAN-1U-R Datasheet(HTML) 4 Page - Cisco Systems, Inc.

  C9500X-FAN-1U-R Datasheet HTML 1Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 2Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 3Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 4Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 5Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 6Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 7Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 8Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 9Page - Cisco Systems, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
© 2023 Cisco and/or its affiliates. All rights reserved.
Page 4 of 52
Product overview
Cisco Catalyst 9500X models
●
The Cisco Silicon One Q200 Application-Specific Integrated Circuit (ASIC) is purpose built for the next
generation network core + edge switch. It is the first enterprise ASIC to offer speeds up to 12.8 Tbps full
duplex with 8 Bpps of forwarding performance, while supporting high-performance and full routing and
switching capabilities without external memories.
●
The Cisco Silicon One Q200 ASIC is built on 7nm fabrication technology, capable of high performance
while maintaining a low power footprint.
●
Up to 12.0 Tbps switching capacity with 8 Bpps forwarding rate.
●
80MB of dedicated low-latency buffer, with up to 8GB of HBM buffer for deep packet buffers.
●
Up to 28 native nonblocking 40/100 Gigabit Ethernet QSFP28 ports.
●
Up to 60 native nonblocking 10/25/50 Gigabit Ethernet SFP56 ports.
●
Up to 8 native nonblocking 40/100/200/400 Gigabit Ethernet QSFPDD ports.
●
Intel 2.43-GHz x86 CPU with 8 cores and 32-GB of DDR4 memory.
●
Up to 960 GB of SSD local storage for container-based application hosting (2x 10G KR ports).
●
Flexible routing (IPv4, IPv6, and multicast) tables, Layer 2 tables, ACL tables, and QoS tables.
●
ASIC tables for switching scale up to 256K MAC addresses and routing scale up to 2M routes.
●
Dual-stack IPv4/IPv6 and dynamic hardware forwarding table allocations, for ease of IPv4-to-IPv6
migration.
●
Hardware support for Application Hosting.
●
Hardware support for Precision Time Protocol (PTP, IEEE 1588v2) with accurate clock synchronization
and sub- microsecond accuracy, suitable for distribution and synchronization of time and frequency.
●
Hardware support for line-rate 256-bit 802.1ae MACsec and WAN-MACsec data encryption.
●
Hardware support for line-rate 256-bit IKEv2 ESP IPsec data encryption (C9500X-60L4D only).
◦ Refer to Platform Details section for more information.
●
Platinum-rated (90% efficient) 1500 Watt AC and/or DC power supplies.
●
Field-replaceable, N+1 redundant fan-tray units, with an added flexibility to choose the direction of
airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com