Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C9500X-FAN-1U-R Datasheet(PDF) 52 Page - Cisco Systems, Inc.

Part # C9500X-FAN-1U-R
Description  Cisco Catalyst 9500 Series Switches
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CISCO [Cisco Systems, Inc.]
Direct Link  https://www.cisco.com/
Logo CISCO - Cisco Systems, Inc.

C9500X-FAN-1U-R Datasheet(HTML) 52 Page - Cisco Systems, Inc.

Back Button C9500X-FAN-1U-R Datasheet HTML 44Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 45Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 46Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 47Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 48Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 49Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 50Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 51Page - Cisco Systems, Inc. C9500X-FAN-1U-R Datasheet HTML 52Page - Cisco Systems, Inc.  
Zoom Inzoom in Zoom Outzoom out
 52 / 52 page
background image
© 2023 Cisco and/or its affiliates. All rights reserved.
Page 52 of 52
New or revised topic
Described In
Date
Product highlights changes (switching capacity and ports spec
changes)
Updated Page 4
January 11, 2019
Updates to Table 1
Updated Table 1
August 15, 2018
Added clearer description of SKUs, Updated date for Tables 1,
10, 11
Updated SKU descriptions,
Table 11 data, Table 10
data, Table 1 Footnotes
July 3, 2018
Added clearer descriptions of host routes and scale adjacency
in hardware
Updated Table 10
Footnotes
June 1, 2018
Added Catalyst 9500 high density platforms and updated
associated speeds and densities, e.g. Up to 6.4-Tbps switching
capacity with up to 2 Bpps of forwarding performance from
“3.2 Tbps/1 Bpps” a. 32 port 100G, b. 32 port 40G, c. 48 port
25G. Added Catalyst 9500 mid density platform a. 24 port 25G,
b. 16 port 1/10G. Added new optical interfaces - QSFP28,
SFP28. Added new power supply options - 650W, 1600W.
Added RESCONF support. StackWise Virtual extended to all
Catalyst 9500 platforms.
Updated Product Overview Mar 31, 2018
AVB support noted for certain platforms. Corrected references
to Catalyst 9000 switches, rather than Catalyst 9000 Series
switches. Corrected references to Cisco IOS XE, rather than
IOS-XE.
Updated Audio Video
Bridging
Dec 15, 2017
Printed in USA
C78-738978-23
10/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com