Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F14X1 Datasheet(PDF) 40 Page - Texas Instruments

Part # MSP430F14X1
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button MSP430F14X1 Datasheet HTML 36Page - Texas Instruments MSP430F14X1 Datasheet HTML 37Page - Texas Instruments MSP430F14X1 Datasheet HTML 38Page - Texas Instruments MSP430F14X1 Datasheet HTML 39Page - Texas Instruments MSP430F14X1 Datasheet HTML 40Page - Texas Instruments MSP430F14X1 Datasheet HTML 41Page - Texas Instruments MSP430F14X1 Datasheet HTML 42Page - Texas Instruments MSP430F14X1 Datasheet HTML 43Page - Texas Instruments MSP430F14X1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 83 page
background image
40
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Detailed Description
Copyright © 2000–2018, Texas Instruments Incorporated
6.8
Peripherals
Peripherals are connected to the CPU through data, address, and control buses and can be handled using
all instructions. For complete module descriptions, see the MSP430x1xx Family User’s Guide.
6.8.1
Digital I/O
Six 8-bit I/O ports are implemented: ports P1 to P6:
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Edge-selectable interrupt input capability for all the eight bits of ports P1 and P2.
•
Read and write access to port-control registers is supported by all instructions.
6.8.2
Oscillator and System Clock
The clock system is supported by the basic clock module that includes support for a 32768-Hz watch
crystal oscillator, an internal digitally controlled oscillator (DCO), and a high-frequency crystal oscillator.
The basic clock module is designed to meet the requirements of both low system cost and low power
consumption. The internal DCO provides a fast turn-on clock source and stabilizes in less than 6 µs. The
basic clock module provides the following clock signals:
•
Auxiliary clock (ACLK), sourced from a 32768-Hz watch crystal or a high-frequency crystal
•
Main clock (MCLK), the system clock used by the CPU
•
Sub-Main clock (SMCLK), the subsystem clock used by the peripheral modules
6.8.3
Watchdog Timer (WDT)
The primary function of the WDT module is to perform a controlled system restart after a software problem
occurs. If the selected time interval expires, a system reset is generated. If the watchdog function is not
needed in an application, the module can be configured as an interval timer and can generate interrupts at
selected time intervals.
6.8.4
Hardware Multiplier (MSP430F14x and MSP430F14x1 Only)
The multiplication operation is supported by a dedicated peripheral module. The module performs 16 × 16,
16 × 8, 8 × 16, and 8 × 8 bit operations. The module is capable of supporting signed and unsigned
multiplication as well as signed and unsigned multiply and accumulate operations. The result of an
operation can be accessed immediately after the operands have been loaded into the peripheral registers.
No additional clock cycles are required.
6.8.5
USART0
The hardware universal synchronous/asynchronous receive transmit (USART0) peripheral module is used
for serial data communication. The USART supports synchronous SPI (3 or 4 pin) and asynchronous
UART communication protocols, using double-buffered transmit and receive channels.
6.8.6
USART1 (MSP430F14x and MSP430F14x1 Only)
The MSP430F14x(1) has a second hardware universal synchronous/asynchronous receive transmit
(USART1) peripheral module that is used for serial data communication. The USART supports
synchronous SPI (3 or 4 pin) and asynchronous UART communication protocols, using double-buffered
transmit and receive channels. Operation of USART1 is identical to USART0.
6.8.7
Comparator_A
The primary function of the Comparator_A module is to support precision slope analog-to-digital
conversions, battery-voltage supervision, and monitoring of external analog signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com