Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP430F14X1 Datasheet(PDF) 12 Page - Texas Instruments

Part # MSP430F14X1
Description  MSP430F14x, MSP430F14x1, MSP430F13x Mixed-Signal Microcontrollers
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F14X1 Datasheet(HTML) 12 Page - Texas Instruments

Back Button MSP430F14X1 Datasheet HTML 8Page - Texas Instruments MSP430F14X1 Datasheet HTML 9Page - Texas Instruments MSP430F14X1 Datasheet HTML 10Page - Texas Instruments MSP430F14X1 Datasheet HTML 11Page - Texas Instruments MSP430F14X1 Datasheet HTML 12Page - Texas Instruments MSP430F14X1 Datasheet HTML 13Page - Texas Instruments MSP430F14X1 Datasheet HTML 14Page - Texas Instruments MSP430F14X1 Datasheet HTML 15Page - Texas Instruments MSP430F14X1 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 83 page
background image
12
MSP430F149, MSP430F148, MSP430F147
MSP430F1491, MSP430F1481, MSP430F1471
MSP430F135, MSP430F133
SLAS272H – JULY 2000 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP430F149 MSP430F148 MSP430F147 MSP430F1491 MSP430F1481 MSP430F1471
MSP430F135 MSP430F133
Terminal Configuration and Functions
Copyright © 2000–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions for MSP430F13x and MSP430F14x (continued)
SIGNAL NAME
PIN NO.
I/O
DESCRIPTION
RST/NMI
58
I
Reset input
Nonmaskable interrupt input port
Bootloader start
TCK
57
I
Test clock, the clock input port for device programming test and bootloader start
TDI/TCLK
55
I
Test data input or test clock input. The device protection fuse is connected to
TDI/TCLK.
TDO/TDI
54
I/O
Test data output or programming data input
TMS
56
I
Test mode select, used as an input port for device programming and test
VeREF+
10
I
Input for an external reference voltage to the ADC
VREF+
7
O
Output of positive terminal of the reference voltage in the ADC
VREF
−/VeREF−
11
I
Negative terminal for the ADC reference voltage for both sources, the internal
reference voltage or an external applied reference voltage
XIN
8
I
Input port for crystal oscillator XT1, standard or watch crystals can be connected
XOUT
9
O
Output terminal of crystal oscillator XT1
XT2IN
53
I
Input port for crystal oscillator XT2, only standard crystals can be connected
XT2OUT
52
O
Output terminal of crystal oscillator XT2
QFN Pad
NA
NA
QFN package pad, connect to DVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com