Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LH351C Datasheet(PDF) 6 Page - Samsung semiconductor

Part # LH351C
Description  High Power LED Series 3535 Ceramic Hot Binning
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LH351C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button LH351C Datasheet HTML 2Page - Samsung semiconductor LH351C Datasheet HTML 3Page - Samsung semiconductor LH351C Datasheet HTML 4Page - Samsung semiconductor LH351C Datasheet HTML 5Page - Samsung semiconductor LH351C Datasheet HTML 6Page - Samsung semiconductor LH351C Datasheet HTML 7Page - Samsung semiconductor LH351C Datasheet HTML 8Page - Samsung semiconductor LH351C Datasheet HTML 9Page - Samsung semiconductor LH351C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
2. Product Code Information
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
S
P
H
W
H
T
L
3
D
5
0
C
E
4
R
T
P
F
Digit
PKG Information
Code
Specification
1 2 3
Samsung Package High Power
SPH
4 5
Color
WH
White
6
Product Version
T
7 8
Product
L3
LH351 Series
9
Lens Type
D
Dome lens
10
Internal Code
5
LH351C
11
Not Defined
0
Default
12
CRI & Sorting Temperature
C
Min. 70
D
Min. 75
85℃
E
Min. 80
G
Min. 90
13 14
Forward Voltage (V)
E 4
2.6~3.1
Bin
Code:
E2 2.6~2.9
G2 2.9~3.1
15 16
CCT (K)
Y ☆
2200
Bin
Code:
Y1, Y2, Y3, Y4, Y5, Y6, Y7, Y8, Y9, YA, YB, YC, YD, YE, YF, YG, YM
W ☆ 2700
W1, W2, W3, W4, W5, W6, W7, W8, W9, WA, WB, WC, WD, WE, WF, WG, WM
V ☆
3000
V1, V2, V3, V4, V5, V6, V7, V8, V9, VA, VB, VC, VD, VE, VF, VG, VM
U ☆
3500
U1, U2, U3, U4, U5, U6, U7, U8, U9, UA, UB, UC, UD, UE, UF, UG, UM
T ☆
4000
T1, T2, T3, T4, T5, T6, T7, T8, T9, TA, TB, TC, TD, TE, TF, TG, TM
R
◇ 5000
R1, R2, R3, R4, RN
Q
◇ 5700
Q1, Q2, Q3, Q4, QN
P
◇ 6500
P1, P2, P3, P4, PN
: "
0" (Whole bin), "P" (Quarter bin), or "M" (MacAdam 3-step ellipse bin)
◇: "T"(Halfbin), "N"(MacAdam5-stepellipsebin)
17 18
Luminous Flux (lm)
F F
150 ~ 210
FB
150 ~ 170
G F
170 ~ 230
GB
170 ~ 190
F F
H F
190 ~ 250
HB
190 ~ 210
G F
J F
210 ~ 270
JB
210 ~ 230
H F
K F
230 ~ 290
KB
230 ~ 250
J F
M F
250 ~ 310
MB
250 ~ 270
K F
N F
270 ~ 330
NB
270 ~ 290
M F
P F
290 ~ 350
PB
290 ~ 310
N F
Q F
310 - 370
QB
310 ~ 330
P F
Q F
R F
330 - 390
RB
330 ~ 350
SB
350 - 370
R F
TB
370 - 390
`
Digit 17: Min. spec.
Digit 18: The number of higher bin(s) from min. spec.
e.g.: KB = 230~250 lm, KF = 230~290 lm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com