Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LH351C Datasheet(PDF) 9 Page - Samsung semiconductor

Part # LH351C
Description  High Power LED Series 3535 Ceramic Hot Binning
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

LH351C Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button LH351C Datasheet HTML 5Page - Samsung semiconductor LH351C Datasheet HTML 6Page - Samsung semiconductor LH351C Datasheet HTML 7Page - Samsung semiconductor LH351C Datasheet HTML 8Page - Samsung semiconductor LH351C Datasheet HTML 9Page - Samsung semiconductor LH351C Datasheet HTML 10Page - Samsung semiconductor LH351C Datasheet HTML 11Page - Samsung semiconductor LH351C Datasheet HTML 12Page - Samsung semiconductor LH351C Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
a) Luminous Flux Bins (IF = 700 mA, Tj = 85 ºC)
CRI/
Nominal CCT (K)
Flux rank
FB
GB
HB
JB
KB
MB
NB
PB
QB
RB
SB
TB
(min. flux)
150
170
190
210
230
250
270
290
310
330
350
370
90
2700
SPHWHTL3D50GE4W☆HF
SPHWHTL3D50GE4W☆JF
3000
SPHWHTL3D50GE4V☆JF
3500
SPHWHTL3D50GE4U☆JF
SPHWHTL3D50GE4U☆KF
4000
SPHWHTL3D50GE4T☆JF
SPHWHTL3D50GE4T☆KF
5000
SPHWHTL3D50GE4R
◇KF
SPHWHTL3D50GE4R
◇MF
5700
SPHWHTL3D50GE4Q
◇KF
SPHWHTL3D50GE4Q
◇MF
"☆" can be "0" (Whole bin), "P" (Quarter bin), or "M" (MacAdam 3-step ellipse bin) of the color binning
"
◇"canbe"T"(Halfbin),"N"(MacAdam5-stepellipsebin)ofthecolorbinning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com