Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC6601ST6RGB Datasheet(PDF) 7 Page - VBsemi Electronics Co.,Ltd

Part # SPC6601ST6RGB
Description  N- and P-Channel 20V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SPC6601ST6RGB Datasheet(HTML) 7 Page - VBsemi Electronics Co.,Ltd

Back Button SPC6601ST6RGB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 10Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
P-CHANNEL TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Normalized Thermal Transient Impedance, Junction-to-Ambient
Square Wave Pulse Duration (s)
2
1
0.1
0.01
10-3
10-2
1
10
600
10-1
10-4
Duty Cycle = 0.5
0.2
0.1
0.05
0.02
Single Pulse
100
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 130 °C/W
3. TJM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
110
10-1
10-4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
SPC6601ST6RGB
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com