Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC6601ST6RGB Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SPC6601ST6RGB
Description  N- and P-Channel 20V (D-S) MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SPC6601ST6RGB Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SPC6601ST6RGB Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd SPC6601ST6RGB Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
N-CHANNEL TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
1
2
3
4
5
0
1234
5
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
4 V
3 V
2 V
0.00
0.0
1
0.
02
0.
03
0.
04
0.
05
012
34
567
ID - Drain Current (A)
VGS = 10 V
VGS = 4.5 V
0
2
4
6
8
10
01234
Qg - Total Gate Charge (nC)
VDS = 15 V
ID = 1.8 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
2
4
6
8
10
0
123
456
VGS - Gate-to-Source Voltage (V)
25 °C
TC = - 55 °C
125 °C
0
50
100
150
200
250
300
0
5
10
15
20
25
30
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS = 10 V
ID = 2.5 A
SPC6601ST6RGB
www.VBsemi.com
服务热线:400-655-8788



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com