Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM1246/HM/PH Datasheet(PDF) 14 Page - NXP Semiconductors

Part # FM1246/HM/PH
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/PH Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button FM1246/HM/PH Datasheet HTML 10Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 11Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 12Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 13Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 14Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 15Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 16Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 17Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 May 14
14
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
CONTROL BYTE
Charge pump settings:
CP = 1, for fast tuning
CP = 0, for moderate speed tuning with slightly better residual oscillator FM.
It is recommended to set CP = 1 at all times in the TV mode. In the FM radio mode, set CP = 1 only during the search
tuning. Once the wanted channel is obtained, set CP = 0 to get the best signal-to-noise ratio.
Test mode settings:
T2 = T1 = 0; T0 = 1, for normal operation.
PLL disabling:
OS = 0, for normal operation
OS = 1, for switching the charge pump to the high impedance state. IDC output voltage is LOW.
Ratio select bits
PORTS BYTE
Notes
1. If the TV function is not required, the tuner can be switched to power-down mode. In this mode the tuner reduces the
current consumption by up to 100 mA.
2. By this setting the FM radio AFC status can be read from the A/D bits in the status byte.
3. By this setting the RF input level can be read from the A/D bits in the status byte.
RSA
RSB
STEP SIZE
X
0
50 kHz (for FM band)
0
1
31.25 kHz (for slow picture search)
1
1
62.5 kHz (for normal picture search)
FUNCTION
BIT
P7
P6
P5
P4
P3
P2
P1
P0
TV/FM bandswitching
FM band
1010
1
Low band
1010
0
Mid band
1001
0
High band
0011
0
TV mode
Power down mode; see note 1
0001
System I negative mode
0000
FM radio mode
AFC; see note 2
0101
RIF; see note 3
0100
Mono
0110
Mute
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com