Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM1246/HM/PH Datasheet(PDF) 16 Page - NXP Semiconductors

Part # FM1246/HM/PH
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/PH Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button FM1246/HM/PH Datasheet HTML 12Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 13Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 14Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 15Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 16Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 17Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 18Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 19Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
1997 May 14
16
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
Video buffer
A video buffer is built into the video module to enable the
unit to drive a 75
Ω load directly.
I2C-bus load
The FM1246 contains a series resistor (R = 100
Ω) in the
SCL and SDA lines. Both lines also have a capacitive load
of typical 22 pF (see Fig.3).
Fig.3 I2C-bus load.
handbook, halfpage
CCA507
AS
15
C1
56 pF
R3
R1
R2
100
Ω
SCL
13
C3
22 pF
R5
100
Ω
SDA
14
C2
22 pF
R4
100
Ω
VCC
PLL IC
Fig.4 Typical video signal-to-noise ratio versus RF input level.
handbook, full pagewidth
120
70
10
20
40
60
80
100
CCA651
50
30
video S/N
(dB)
RF input level (dB
µV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com