Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM1246/HM/I Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FM1246/HM/I
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/I Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FM1246/HM/I Datasheet HTML 2Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 3Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 4Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 5Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 6Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 7Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 8Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 9Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 May 14
6
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
Environmental conditions
OVERALL PERFORMANCE
Conditional data
Unless otherwise specified, all electrical values for Chapter “Overall performance” apply at the following conditions.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Non-operational conditions
Tamb
ambient temperature
−25
−
+85
°C
RH
relative humidity
−−
100
%
gB
bump acceleration
25 g
−−
245
m/s2
gS
shock acceleration
50 g
−−
490
m/s2
vibration amplitude
10 to 55 Hz
−
0.35
−
mm
Operational conditions
Tamb
ambient temperature
−10
−
+60
°C
RH
relative humidity
−−
95
%
SYMBOL
PARAMETER
VALUE
UNIT
Tamb
ambient temperature
25
±5
°C
RH
relative humidity
60
±15
%
VS
supply voltage (tuner and IF section)
5
±0.125
V
ZCVBS
video output load impedance (DC)
75
Ω
ZIF
2nd IF sound output load impedance (DC)
0.5
k
Ω
ZAF
AF sound output load impedance
100
k
Ω
tpr
pre-heating time (+5 V at pin 24)
10
minutes
ZS(AE)
aerial source impedance (asymmetrical)
75
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com