Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM1246/HM/I Datasheet(PDF) 9 Page - NXP Semiconductors

Part # FM1246/HM/I
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/I Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button FM1246/HM/I Datasheet HTML 5Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 6Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 7Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 8Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 9Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 10Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 11Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 12Page - NXP Semiconductors FM1246/HM/I Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1997 May 14
9
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
Definitions of test signals (see Fig.2)
Aerial input characteristics
TEST SIGNAL
FREQ.
(MHz)
AMPLITUDE
MODULATION
VIDEO
AUDIO
A0: unmodulated vision
carrier
480.25
60 dB
µV
A1: CCIR I standard signal
with video modulation
480.25
60 dB
µV
(top sync)
100% (rest carrier 10%)
2T pulse and bar
B1: unmodulated sound
carrier I system
486.25
−7 dB w.r.t. A1
B2: FM modulated sound
carrier I system
486.25
−7 dB w.r.t. A1
1 kHz; modulation frequency
deviation
±27 kHz;
50
µs pre-emphasis
B3: unmodulated sound
carrier I system
478.25
−15 dB w.r.t. A1
C1: FM modulated sound
carrier
87.5
60 dB
µV
1 kHz; modulation frequency
deviation
±75 kHz;
10% pilot carrier (L = R)
C2: FM modulated sound
carrier
98.0
60 dB
µV
1 kHz; modulation frequency
deviation
±75 kHz;
10% pilot carrier (L = R)
C3: FM modulated sound
carrier
108.0
60 dB
µV
1 kHz; modulation frequency
deviation
±75 kHz;
10% pilot carrier (L = R)
C4: FM modulated sound
carrier
98.0
60 dB
µV
1 kHz; modulation frequency
deviation
±22.5 kHz
C5: unmodulated sound
carrier
98.0
60 to 100 dB
µV
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VSWR
reflection coefficient
referred to 75
Ω impedance
(worst case on or between picture
and sound carrier at maximum gain):
all channels in TV mode
−
5
FM (centre of channel)
−
4
VPSM
surge protection voltage
5
−
kV
Vant
antenna connection disturbance
voltage
<1.75 GHz
−
46
dB
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24