Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTF3020-M/TG Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FTF3020-M/TG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-M/TG Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FTF3020-M/TG Datasheet HTML 2Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 3Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 4Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 5Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 6Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 7Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 8Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 9Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 November
6
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-M
Timing diagrams (for default operation)
VD: Frame pulse
CR: Charge Reset
BLC: Black Level Clamp
A1 to A4: Vertical image clocks
C1 to C3: Horizontal register clocks
SSC: Start-Stop C-clocks
SG: Summing gate
RG: Reset gate
1 Tp = 1 clock period
2 Duty cycle = 50% and phase shift of the C clocks is 120 degrees.
Figure 3 - Timing diagrams
AC CHARACTERISTICS
MIN.
TYPICAL
MAX.
UNIT
Horizontal frequency (1/Tp)
1
Vertical frequency
Charge Reset (CR) time
Rise and fall times:
image clocks (A)
register clocks (C)
2
summing gate (SG)
reset gate (RG)
10
10
3
3
3
18
50
193.7
20
5
5
5
36
100
1/6 Tp
1/6 Tp
1/6 Tp
MHz
kHz
µs
ns
ns
ns
ns
2047
2046
2048
Sensor Output
A2, A3, A4
VD
BLC
D
A1
BB
D
1
2
3
Integration Time
Ahigh
CR
SSC
EXT. SHUTTER
H
L
SSC
A1
A2
A3
A4
CR
AHigh
VD
BLC
C1
C2
C3
SG
RG
SSC
Tp = 1 / 18MHz = 55.56ns
Pixel output sequence: 7 dummy, 20 black, 4 timing, 3072 active, 4 timing, 20 black
Line Time: 3487 x Tp = 193.7µs
Pixel Timing
Black
Dummy
*
* During AHigh = H the phiA high level is increased from 10V to 14V (This is necessary during readout only)
*
B
B
B
B
BBB
B
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
L
H
Tp
360
Tp
230
Tp
66
Tp
138
Tp
20
Tp
138
Tp
112
Tp
204
Tp
138
Tp
360
Tp
396
Tp
30
3127 pixels
Tp / 6
Frame Timing
Line Timing
1Tp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com