Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FTF3020-M/TG Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FTF3020-M/TG
Description  Full Frame CCD Image Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FTF3020-M/TG Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FTF3020-M/TG Datasheet HTML 4Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 5Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 6Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 7Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 8Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 9Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 10Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 11Page - NXP Semiconductors FTF3020-M/TG Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 November
8
Philips Semiconductors
Product specification
Full Frame CCD Image Sensor
FTF3020-M
0
2,000
4,000
6,000
8,000
10,000
12,000
14,000
0
5
10
15
20
25
30
35
40
Performance
The test conditions for the performance characteristics are as follows:
• All values are measured using typical operating conditions.
• VNS is adjusted as low as possible while maintaining proper
Vertical Anti-Blooming.
• Sensor temperature = 60°C (333K).
• Horizontal transport frequency = 18MHz.
• Vertical transport frequency = 50kHz (unless specified otherwise).
1 Linear dynamic range is defined as the ratio of Q
lin to read-out noise (the latter reduced by Correlated Double Sampling).
2 Charge Transfer Efficiency values are tested by evaluation and expressed as the value per gate transfer.
3 Low Pass Shading is defined as the ratio of the one-
σ value of an 8x8 pixels blurred image (low-pass) to the mean signal value.
4 RNU is defined as the ratio of the one-
σ value of the highpass image to the mean signal value at nominal light.
• Integration time = 10ms (unless specified otherwise).
• The light source is a lamp of 3200K in conjunction with neutral
density filters and a 1.7mm thick BG40 infrared cut-off filter. For
Linear Operation measurements, a temperature conversion filter
(Melles Griot type no. 03FCG261, -120 mired, thickness: 2.5mm)
is applied.
Figure 6 - Typical Linear dynamic range vs. horizontal read-out frequency and sensor temperature
Hor. Frequency (MHz)
Linear Dynamic Range
35°C
45°C
55°C
LINEAR OPERATION
MIN.
TYPICAL
MAX.
UNIT
Linear dynamic range
1
Charge Transfer Efficiency
2 vertical
Charge Transfer Efficiency
2 horizontal
Image lag
Resolution (MTF) @ 42 lp/mm
Responsivity
Quantum efficiency @ 530 nm
Low Pass Shading
3
Random Non-Uniformity (RNU)
4
VNS required for good Vertical Anti-Blooming (VAB)
Power dissipation at 2.5 frames/s
4200:1(12bit)
65
180
20
18
0.999995
0.999999
250
26
2.0
0.3
24
610
0
5
5
28
%
%
kel/lux·s
%
%
%
V
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com