Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD06 Datasheet(PDF) 6 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 6 Page - SG Micro Corp

Back Button SD06 Datasheet HTML 2Page - SG Micro Corp SD06 Datasheet HTML 3Page - SG Micro Corp SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp SD06 Datasheet HTML 10Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
6
TYPICAL PERFORMANCE CHARACTERISTICS
At TA = +25
℃, VCM = VS/2, RL= 600Ω, unless otherwise noted.
Small-Signal Step Response
Small-Signal Step Response
Time (1μs/div)
G = 1
CL = 100pF
RL = 10kΩ
VS = 2V
Time ((1μs/div)
G = 1
CL = 100pF
RL = 10kΩ
VS = 5V
Positive overload Recovery
Negative Overload Recovery
Time (1µs/div)
0V
VIN
0V
VOUT
VS = 5V
VIN = 50mV
RL = 620Ω
G = -100
Time (1µs/div)
0V
VIN
0V
VOUT
VS = 5V
VIN = 50mV
RL = 620Ω
G = -100
Output Voltage Swing vs. Output Current
Output Voltage Swing vs. Output Current
0
1
2
3
4
5
0
10
20
30
405060
7080
Output Current (mA)
Sourcing Current
Sinking Current
-40
℃
+25
℃
+125
℃
VS = 5V
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
Output Current (mA)
Sourcing Current
Sinking Current
-40
℃
+25
℃
+125
℃
VS = 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com