Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD06 Datasheet(PDF) 9 Page - SG Micro Corp

Part # SD06
Description  960μA, 6MHz, Rail-to-Rail I/O CMOS Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

SD06 Datasheet(HTML) 9 Page - SG Micro Corp

Back Button SD06 Datasheet HTML 4Page - SG Micro Corp SD06 Datasheet HTML 5Page - SG Micro Corp SD06 Datasheet HTML 6Page - SG Micro Corp SD06 Datasheet HTML 7Page - SG Micro Corp SD06 Datasheet HTML 8Page - SG Micro Corp SD06 Datasheet HTML 9Page - SG Micro Corp SD06 Datasheet HTML 10Page - SG Micro Corp SD06 Datasheet HTML 11Page - SG Micro Corp SD06 Datasheet HTML 12Page - SG Micro Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
960μA, 6MHz, Rail-to-Rail I/O
SD06
CMOS Operational Amplifier
SG Micro Corp
www.sg-micro.com
9
TYPICAL APPLICATION CIRCUITS
Differential Amplifier
The circuit shown in Figure 4 performs the difference
function. If the resistor ratios are equal (R4/R3 = R2/R1),
then VOUT = (Vp - Vn) × R2/R1 + VREF.
Vn
Vp
VOUT
VREF
R1
R2
R3
R4
SD06
1 2
Figure 4. Differential Amplifier
Instrumentation Amplifier
The circuit in Figure 5 performs the same function as
that in Figure 4 but with a high input impedance.
Vn
Vp
VREF
R1
R2
R3
R4
VOUT
SD06
1 2
SD06
1 2
SD06
1 2
Figure 5. Instrumentation Amplifier
Low-Pass Active Filter
The low-pass filter shown in Figure 6 has a DC gain of
(-R2/R1) and the -3dB corner frequency is 1/2R2C.
Make sure the filter bandwidth is within the bandwidth
of the amplifier. The large values of feedback resistors
can couple with parasitic capacitance and cause
undesired effects such as ringing or oscillation in
high-speed amplifiers. Keep resistor values as low as
possible
and
consistent
with
output
loading
consideration.
VIN
VOUT
R1
R2
R3 = R1 // R2
C
SD06
1 2
Figure 6. Low-Pass Active Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com