Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA-2425 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-2425
Description  3.2 us Sample and Hold Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2425 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-2425 Datasheet HTML 1Page - Intersil Corporation HA-2425 Datasheet HTML 2Page - Intersil Corporation HA-2425 Datasheet HTML 3Page - Intersil Corporation HA-2425 Datasheet HTML 4Page - Intersil Corporation HA-2425 Datasheet HTML 5Page - Intersil Corporation HA-2425 Datasheet HTML 6Page - Intersil Corporation HA-2425 Datasheet HTML 7Page - Intersil Corporation HA-2425 Datasheet HTML 8Page - Intersil Corporation HA-2425 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
®
FN2856.6
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003, 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
HA-2420, HA-2425
3.2
µs Sample and Hold Amplifiers
The HA-2420 and HA-2425 is a monolithic circuit consisting
of a high performance operational amplifier with its output in
series with an ultra-low leakage analog switch and JFET
input unity gain amplifier.
With an external hold capacitor connected to the switch
output, a versatile, high performance sample-and-hold or
track-and-hold circuit is formed. When the switch is closed,
the device behaves as an operational amplifier, and any of
the standard op amp feedback networks may be connected
around the device to control gain, frequency response, etc.
When the switch is opened the output will remain at its last
level.
Performance as a sample-and-hold compares very favorably
with other monolithic, hybrid, modular, and discrete circuits.
Accuracy to better than 0.01% is achievable over the
temperature range. Fast acquisition is coupled with superior
droop characteristics, even at high temperatures. High slew
rate, wide bandwidth, and low acquisition time produce
excellent dynamic characteristics. The ability to operate at
gains greater than 1 frequently eliminates the need for
external scaling amplifiers.
The device may also be used as a versatile operational
amplifier with a gated output for applications such as analog
switches, peak holding circuits, etc. For more information,
please see Application Note AN517..
Features
• Maximum Acquisition Time
- 10V Step to 0.1% . . . . . . . . . . . . . . . . . . . . . 4
µs (Max)
- 10V Step to 0.01% . . . . . . . . . . . . . . . . . . . . 6
µs (Max)
• Low Droop Rate (CH = 1000pF). . . . . . . . . . 5µV/ms (Typ)
• Gain Bandwidth Product . . . . . . . . . . . . . . . 2.5MHz (Typ)
• Low Effective Aperture Delay Time . . . . . . . . . 30ns (Typ)
• TTL Compatible Control Input
• ±12V to ±15V Operation
Applications
• 12-Bit Data Acquisition
• Digital to Analog Deglitcher
• Auto Zero Systems
• Peak Detector
• Gated Operational Amplifier
Pinout
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
HA1-2420-2
-55 to 125
14 Ld CERDIP
F14.3
HA3-2425-5
0 to 75
14 Ld PDIP
E14.3
HA-2420 (CERDIP)
HA-2425 (PDIP)
TOP VIEW
-IN
+IN
OFFSET ADJ.
OFFSET ADJ.
V-
NC
OUTPUT
S/H CONTROL
GND
NC
HOLD CAP.
NC
V+
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Data Sheet
November 19, 2004


Similar Part No. - HA-2425

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA-2420 RENESAS-HA-2420 Datasheet
659Kb / 11P
3.2μs Sample and Hold Amplifiers
October 24, 2013
More results

Similar Description - HA-2425

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
SHM-49MC DATEL-SHM-49MC Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49MC-C DATEL-SHM-49MC-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-49ME-C DATEL-SHM-49ME-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-14883 DATEL-SHM-14883 Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GC-C DATEL-SHM-50GC-C Datasheet
104Kb / 1P
Sample and Hold Amplifiers
SHM-50GE-C DATEL-SHM-50GE-C Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-50MM DATEL-SHM-50MM Datasheet
103Kb / 1P
Sample and Hold Amplifiers
SHM-950GC DATEL-SHM-950GC Datasheet
104Kb / 1P
Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com