Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HA-2425 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-2425
Description  3.2 us Sample and Hold Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2425 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-2425 Datasheet HTML 1Page - Intersil Corporation HA-2425 Datasheet HTML 2Page - Intersil Corporation HA-2425 Datasheet HTML 3Page - Intersil Corporation HA-2425 Datasheet HTML 4Page - Intersil Corporation HA-2425 Datasheet HTML 5Page - Intersil Corporation HA-2425 Datasheet HTML 6Page - Intersil Corporation HA-2425 Datasheet HTML 7Page - Intersil Corporation HA-2425 Datasheet HTML 8Page - Intersil Corporation HA-2425 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN2856.6
November 19, 2004
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . .40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .24V
Digital Input Voltage (Sample and Hold Pin) . . . . . . . . . . +8V, -15V
Output Current . . . . . . . . . . . . . . . . . . . . . . . .Short Circuit Protected
Operating Conditions
Temperature Range
HA-2420-2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
HA-2425-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . .
±12V to ±15V
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
CERDIP Package. . . . . . . . . . . . . . . . .
75
20
PDIP Package . . . . . . . . . . . . . . . . . . .
95
N/A
Maximum Junction Temperature (Ceramic Packages). . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions (Unless Otherwise Specified) VSUPPLY = ±15.0V; CH = 1000pF; Digital Input: VIL =+0.8V
(Sample), VIH = +2.0V (Hold), Unity Gain Configuration (Output tied to Negative Input)
PARAMETER
TEST
CONDITIONS
TEMP.
(oC)
HA-2420-2
HA-2425-5
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
INPUT CHARACTERISTICS
Input Voltage Range
Full
±10
-
-
±10
-
-
V
Offset Voltage
25
-
2
4
-
3
6
mV
Full
-
3
6
-
4
8
mV
Bias Current
25
-
40
200
-
40
200
nA
Full
-
-
400
-
-
400
nA
Offset Current
25
-
10
50
-
10
50
nA
Full
-
-
100
-
-
100
nA
Input Resistance
25
5
10
-
5
10
-
M
Ω
Common Mode Range
Full
±10
-
-
±10
-
-
V
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
RL = 2kΩ, VO = 20VP-P
Full
25
50
-
25
50
-
kV/V
Common Mode Rejection
VCM = ±10V
Full
80
90
-
74
90
-
dB
Hold Mode Feedthrough Attenuation
(Note 2)
fIN ≤ 100kHz
Full
-
-76
-
-
-76
-
dB
Gain Bandwidth Product (Note 2)
25
-
2.5
-
-
2.5
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 2kΩ
Full
±10
-
-
±10
-
-
V
Output Current
25
±15
-
-
±15
-
-
mA
Full Power Bandwidth (Note 2)
VO = 20VP-P
25
-
100
-
-
100
-
kHz
Output Resistance
DC
25
-
0.15
-
-
0.15
-
Ω
TRANSIENT RESPONSE
Rise Time (Note 2)
VO = 200mVP-P
25
-
75
100
-
75
100
ns
Overshoot (Note 2)
VO = 200mVP-P
25
-
25
40
-
25
40
%
Slew Rate (Note 2)
VO = 10VP-P
25
3.5
5
-
3.5
5
-
V/
µs
HA-2420, HA-2425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com