Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DB62 Datasheet(PDF) 3 Page - Cirrus Logic

Part # DB62
Description  DEMONSTRATION BOARD FOR SA305EX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

DB62 Datasheet(HTML) 3 Page - Cirrus Logic

  DB62 Datasheet HTML 1Page - Cirrus Logic DB62 Datasheet HTML 2Page - Cirrus Logic DB62 Datasheet HTML 3Page - Cirrus Logic DB62 Datasheet HTML 4Page - Cirrus Logic DB62 Datasheet HTML 5Page - Cirrus Logic DB62 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
3
EVALUATION KIT FOR
SA305EX
DB62
SPECIAL CONSIDERATIONS
a) 6 schottky diodes D1-D6 (2 for each output provided with
DB62) are recommended for use as external flyback diodes
becauseofsuperiorreverserecoverycharacteristics.Please
note that in the DB62, jumpers are needed in order to con-
nect the external schottky diodes (see EVAL49 layout).
b) External RC snubber circuits (R13 and C5, R16 and C8,
R19 and C10 in EVAL49 schematic) can provide noise
immunity especially in high load current scenarios. A 100
V 4.7nF capacitor in series with a 50 ohm 5W resistor
(provided with kit) is recommended for the snubber to be
connected between each output and PGND.
The power dissipated in the snubber components can be
estimated by;
P = V2 • C • FSW
Where
P is the power dissipated
V is the VS supply voltage
C is the snubber capacitor value (15nF)
FSW is the switching frequency.
GROUNDING CONSIDERATIONS
The EVAL49 has three separate ground paths for signal
ground (SGND), power ground (PGND) and digital ground
(DGND). SGND and PGND are the ground paths for the
SA305 while the DGND is for the MCU and related circuitry.
These grounds need to be connected on the board by putting
a jumper between SGND and DGND and another between
PGND and DGND. These jumpers are located in the center
of the board on the right of the SA305. Do not connect the
grounds at any other points to avoid ground loops and un-
wanted voltage drops.
PARTS LIST
Apex Part #
Description, Vendor
Qty
EVAL49
PC Board, Apex
1
OX7R105KWN
1µF Cap, Novacap
4
MS06
Pin Socket
1
MS11
Socket Strip
1 Bag
(Black) 151-203-RC
Test Point
3
Mouser
(White) 151-201-RC
Test Point
5
Mouser
110-13-328-41-001000
DIP28 Socket
1
Mill-Max
(White) 571-0600
4mm single PCB socket
16
Deltron
(Red) 571-0500
4mm single PCB socket
3
Deltron
(Black) 571-0100
4mm single PCB socket
3
Deltron
ECG-EVQPAC07K
Push Button Switch,
3
Panasonic
3352W-1-102
Potentiometer,
2
Bourns
50SQ100
Schottky Diodes,
6
International Rectifier
140-ESRL100V100
100uF cap,
2
Xicon
MCU-305
PIC18F2331-1/SP-ND
1
Microchip
CFRN60D1001FRE6
1K Ohm Resistor,
3
(R23,R24.R25)
5% 0.25W
RN60D4701FB14
4.7K Ohm Resistor,
4
(R1, R2, R3, R6)
5% 0.25W
CFI-4C1R0J
1 Ohm Resistor,
2
(R5, R10)
5% 0.25W
RN60D2000FB14
200 Ohm Resistor,
6
(R17, R18, R20,
R21, R22, R26)
5% 0.25W
WP63GD
Green LED's,
5
(D8-D12)
WP631D
Red LED, (D7)
1
(Optional Components: Refer to SA305U for details)
Apex Part #
Description, Vendor
Qty
HWRE06
Includes the following:
HS32
Heatsink,
1
Apex
CLAMP05
Clip,
1
Apex
TW12
Thermal Washer,
1 Box
Apex
C062K472K2X5CA
4.7 nF Capacitor,
3
Kemet
286-51-RC
50 ohm 5W resistor,
3
Xicon



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com