Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DB62 Datasheet(PDF) 1 Page - Cirrus Logic

Part # DB62
Description  DEMONSTRATION BOARD FOR SA305EX
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

DB62 Datasheet(HTML) 1 Page - Cirrus Logic

  DB62 Datasheet HTML 1Page - Cirrus Logic DB62 Datasheet HTML 2Page - Cirrus Logic DB62 Datasheet HTML 3Page - Cirrus Logic DB62 Datasheet HTML 4Page - Cirrus Logic DB62 Datasheet HTML 5Page - Cirrus Logic DB62 Datasheet HTML 6Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
M I C R O T E C H N O L O G Y
DB62
Table 1. Commutation Table.
The algorithm for the microcontroller is shown in figure 1. The program for Microchip® PIC 18F2331 is available for download
on www.apexmicrotech.com.
INTRODUCTION
The DB62 is designed to demonstrate the capabilities of
the SA305 as a 3 phase brushless DC motor driver IC. The
PWM inputs to the SA305 are controlled by an on-board
microcontroller. The EVAL49 board is pre-wired for all required
and recommended external components. Please refer to ap-
plications note 32 in the Apex catalog for guidance in filter
component selection. The 1µF ceramic capacitors supplied with
the kit are for high frequency bypassing of the VS and VDD
supplies (C1, C11, C4 and C7 on the EVAL49 schematic). Two
additional 100uF bypass capacitors are provided with the kit
for the VS supplies (C2 and C12 on the EVAL49 schematic).
Please refer to applications note 30 for help with power supply
bypassing and other useful information.
PWM CONTROL IN DB62
BLDC motors are electronically commutated based on the
rotor position. The stator windings are energized in a sequence
based upon the combination of three Hall sensor signals which
provide the rotor position. In the DB62 the SA305 input PWM
control is achieved by means of by an on-board Microchip®
PIC 18F2331 microcontroller. The sequence table for com-
mutation (obtained from the motor data sheet) is entered in
Sensor Output
Driver Output
HALLA
HALLB
HALLC
ØC (OUTC)
ØB (OUTB)
ØA (OUTA)
CCW Rotation Facing Lead End
0
0
1
X
HI
LO
0
1
1
HI
X
LO
0
1
0
HI
LO
X
1
1
0
X
LO
HI
1
0
0
LO
X
HI
1
0
1
LO
HI
X
CW Rotation Lead End
0
1
0
LO
HI
X
0
1
1
LO
X
HI
0
0
1
X
LO
HI
1
0
1
HI
LO
X
1
0
0
HI
X
LO
1
1
0
X
HI
LO
the program memory of the microcontroller. Hall sensors A, B
and C are connected to the IC pins of the Input Capture (IC)
module in the PIC18F2331. This module interrupts on every
transition on any of the IC pins. Upon interrupt, the interrupt
service routine reads all the three inputs and loads the correct
sequence for commutation. The following PWM control features
are programmed in the MCU provided with the DB62:
1. User Controlled PWM frequency using external potentiom-
eter (VFREQ in EVAL 49 board). The PWM frequency can
be varied from 4 KHz to 118 KHz.
2. User Controlled PWM duty cycle using external potenti-
ometer (VDUC in EVAL49 board). The voltage set by the
potentiometer will act as a ‘Speed Reference’. The duty
cycle can be varied from 0 % to 98 %.
The Forward/Reverse button is provided to control the
direction of the motor. Depending upon the direction, the cor-
responding hall sensor commutation sequence is used and the
PWM signals are generated accordingly. The START/STOP
button can be used to run or stop the motor.
As mentioned earlier, the MCU provided with the kit is pre-
programmed for all of the features described above. The hall
sensor commutation table that has been used in programming
the MCU is shown in table 1.


Similar Part No. - DB62

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
DB62 IET-DB62 Datasheet
375Kb / 1P
Dekabox In-Line Decade Resistors
12-11-2012
DB62-111K IET-DB62-111K Datasheet
375Kb / 1P
Dekabox In-Line Decade Resistors
12-11-2012
DB62-11K IET-DB62-11K Datasheet
375Kb / 1P
Dekabox In-Line Decade Resistors
12-11-2012
DB62-11M IET-DB62-11M Datasheet
375Kb / 1P
Dekabox In-Line Decade Resistors
12-11-2012
DB62-1M IET-DB62-1M Datasheet
375Kb / 1P
Dekabox In-Line Decade Resistors
12-11-2012
More results

Similar Description - DB62

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TMB2193MS100 FAIRCHILD-TMB2193MS100 Datasheet
167Kb / 24P
Demonstration Board for the TMC2193
TMC2069P7C FAIRCHILD-TMC2069P7C Datasheet
87Kb / 12P
Demonstration Board for the TMC3003 DAC
logo
Vishay Siliconix
SIP11203DB VISHAY-SIP11203DB Datasheet
436Kb / 12P
Demonstration Board
12-Jun-06
logo
Winbond
ISD-ES502 WINBOND-ISD-ES502 Datasheet
242Kb / 7P
Demonstration Board
ISD-ES002 WINBOND-ISD-ES002 Datasheet
152Kb / 1P
Parrot Demonstration Board
ES302 WINBOND-ES302 Datasheet
362Kb / 4P
ES302 DEMONSTRATION BOARD
logo
STMicroelectronics
STEVAL-MKI126V3 STMICROELECTRONICS-STEVAL-MKI126V3 Datasheet
568Kb / 9P
STSmartVoice demonstration board
18-Sep-2012
AN2722 STMICROELECTRONICS-AN2722 Datasheet
870Kb / 16P
Demonstration board user guidelines for the
13-Mar-2009
AN2787 STMICROELECTRONICS-AN2787 Datasheet
2Mb / 37P
Monolithic VR demonstration board for chipset
05-Sep-2008
UM1839 STMICROELECTRONICS-UM1839 Datasheet
3Mb / 18P
demonstration board for STGAP1S galvanically
19-Nov-2014
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com