Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISF1059 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1059
Description  N-Channel Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1059 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1059 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1059 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1059 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISF1059 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISF1059
eq STH260N6F6-6
N-Channel Power MOSFET
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
60
--
--
V
IDSS
Drain-Source Leakage Current
VDS= 60V; VGS= 0V;Tj=25℃
VDS= 60V; VGS= 0V; Tj=125℃
1
100
μ
A
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0V
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= ±30V; ID=0.25mA
2.0
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID=22.5A
1.7
2.4
VSD
Diode forward voltage
ISD= 180A, VGS = 0 V
1.4
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com